Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC80C0104D Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # MC80C0104D
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC80C0104D Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button MC80C0104D Datasheet HTML 8Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 9Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 10Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 11Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 12Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 13Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 14Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 15Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 126 page
background image
MC80F0104/0204
Preliminary
8
Mar. 2005 Ver 0.2
5. PIN FUNCTION
VDD: Supply voltage.
VSS: Circuit ground.
RESET: Reset the MCU.
XIN: Input to the inverting oscillator amplifier and input to
the internal main clock operating circuit.
XOUT: Output from the inverting oscillator amplifier.
R00~R07: R0 is an 8-bit, CMOS, bidirectional I/O port.
RA pins can be used as outputs or inputs according to “1”
or “0” written the their Port Direction Register(R0IO).
In addition, R0 serves the functions of the various special
features in Table 5-1 .
R10~R14: R1 is a 5-bit, CMOS, bidirectional I/O port. R1
pins can be used as outputs or inputs according to “1” or
“0” written the their Port Direction Register (R1IO).
R1 serves the functions of the various following special
features in Table 5-2
R31~R34: R3 is an 4-bit, CMOS, bidirectional I/O port.
R3 pins can be used as outputs or inputs according to “1”
or “0” written the their Port Direction Register (R3IO).
R3 serves the functions of the serial interface following
special features in Table 5-3 .
Port pin
Alternate function
R00
R01
R02
R03
R04
R05
R06
R07
INT3 ( External Interrupt Input Port3 )
SCK ( SPI CLK )
AN1 ( Analog Input Port 1 )
SI ( SPI Serial Data Input )
AN2 ( Analog Input Port 2 )
SOUT ( SPI Serial Data Output )
AN3 ( Analog Input Port 3 )
INT2 ( External Interrupt Input Port2 )
AN4 ( Analog Input Port 4 )
EC0 ( Event Counter Input Source 0 )
RXD ( UART Data Input )
AN5 ( Analog Input Port 5 )
T0O (Timer0 Clock Output )
TXD ( UART Data Output )
AN6 ( Analog Input Port 6 )
T2O (Timer2 Clock Output )
ACLK ( UART Clock Input )
AN7 ( Analog Input Port 7 )
EC1 ( Event Counter Input Source 1 )
Table 5-1 R0 Port
Port pin
Alternate function
R10
R11
R12
R13
R14
AN0 ( Analog Input Port 0 )
AVref ( External Analog Reference Pin )
PWM1O ( PWM1 Output )
INT0 ( External Interrupt Input Port 0 )
PWM3O ( PWM3 Output )
INT1 ( External Interrupt Input Port 1 )
BUZ ( Buzzer Driving Output Port )
Table 5-2 R1 Port
Port pin
Alternate function
R31
R32
R33
R34
R35
AN14 ( Analog Input Port 14 )
AN15 ( Analog Input Port 15 )
XIN ( Oscillation Input )
XOUT ( Oscillation Output )
RESET ( Reset input port )
Table 5-3 R3 Port


Similar Part No. - MC80C0104D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC80C0208 ETC1-MC80C0208 Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0208K ETC1-MC80C0208K Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0208Q ETC1-MC80C0208Q Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0216 ETC1-MC80C0216 Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0216K ETC1-MC80C0216K Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC80C0104D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com