Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC80C0104B Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # MC80C0104B
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC80C0104B Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button MC80C0104B Datasheet HTML 50Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 51Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 52Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 53Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 54Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 55Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 56Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 57Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 126 page
background image
MC80F0104/0204
Preliminary
50
Mar. 2005 Ver 0.2
Figure 13-6 Timer Count Example
13.1.2 8-bit Event Counter Mode
In this mode, counting up is started by an external trigger.
This trigger means rising edge of the EC0 or EC1 pin input.
Source clock is used as an internal clock selected with tim-
er mode register TM0 or TM2. The contents of timer data
register TDRn (n = 0,1,2,3) are compared with the contents
of the up-counter Tn. If a match is found, an timer interrupt
request flag TnIF is generated, and the counter is cleared to
“0”. The counter is restart and count up continuously by
every falling edge of the EC0 or EC1 pin input. The maxi-
mum frequency applied to the EC0 or EC1 pin is fXIN/2
[Hz].
In order to use event counter function, the bit 4, 5 of the
Port Selection Register PSR0(address 0F8H) is required to
be set to “1”.
After reset, the value of timer data register TDRn is initial-
ized to "0", The interval period of Timer is calculated as
below equation.
Figure 13-7 Event Counter Mode Timing Chart
Timer 0 (T0IF)
Interrupt
TDR0
TIME
Occur interrupt
Occur interrupt
Occur interrupt
Interrupt period
0
1
2
3
4
5
6
7A
7C
Count Pulse
= 8
µs x (124+1)
7B
MATCH
Example: Make 1ms interrupt using by Timer0 at 4MHz
LDM
TM0,#0FH
; divide by 32
LDM
TDR0,#124
; 8us x (124+1)= 1ms
SET1
T0E
; Enable Timer 0 Interrupt
EI
; Enable Master Interrupt
Period
When
TDR0 = 124D = 7CH
fXIN = 4 MHz
INTERRUPT PERIOD =
4
× 106 Hz
1
× 32 × (124+1) = 1 ms
TM0 = 0000 1111B (8-bit Timer mode, Prescaler divide ratio = 32)
8
µs
(TDR0 = T0)
7C
0
Period (sec)
1
f
XIN
----------- 2 Divide Ratio
(TDRn+1)
×
×
×
=
0
1
2
1
0
n
2
n-1
n
ECn pin input
Up-counter
TDR1
T1IF interrupt
Start count


Similar Part No. - MC80C0104B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC80C0208 ETC1-MC80C0208 Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0208K ETC1-MC80C0208K Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0208Q ETC1-MC80C0208Q Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0216 ETC1-MC80C0216 Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0216K ETC1-MC80C0216K Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC80C0104B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com