Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC80C0104B Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # MC80C0104B
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC80C0104B Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button MC80C0104B Datasheet HTML 24Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 25Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 26Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 27Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 28Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 29Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 30Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 31Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 126 page
background image
MC80F0104/0204
Preliminary
24
Mar. 2005 Ver 0.2
8.3 Data Memory
Figure 8-8 shows the internal Data Memory space availa-
ble. Data Memory is divided into three groups, a user
RAM, control registers, and Stack memory.
Figure 8-8 Data Memory Map
User Memory
The MC80F0104/0204 has 256
× 8 bits for the user mem-
ory (RAM). RAM pages are selected by RPR (See Figure
8-9 ).
Note: After setting RPR(RAM Page Select Register), be sure to
execute SETG instruction. When executing CLRG instruction, be
selected PAGE0 regardless of RPR.
Control Registers
The control registers are used by the CPU and Peripheral
function blocks for controlling the desired operation of the
device. Therefore these registers contain control and status
bits for the interrupt system, the timer/ counters, analog to
digital converters and I/O ports. The control registers are in
address range of 0C0H to 0FFH.
Note that unoccupied addresses may not be implemented
on the chip. Read accesses to these addresses will in gen-
eral return random data, and write accesses will have an in-
determinate effect.
More detailed informations of each register are explained
in each peripheral section.
Note: Write only registers can not be accessed by bit manipula-
tion instruction. Do not use read-modify-write instruction. Use byte
manipulation instruction, for example “LDM”.
Example; To write at CKCTLR
LDM
CKCTLR,#0AH ;Divide ratio(÷32)
Stack Area
The stack provides the area where the return address is
saved before a jump is performed during the processing
routine at the execution of a subroutine call instruction or
the acceptance of an interrupt.
When returning from the processing routine, executing the
subroutine return instruction [RET] restores the contents of
the program counter from the stack; executing the interrupt
return instruction [RETI] restores the contents of the pro-
gram counter and flags.
The save/restore locations in the stack are determined by
the stack pointed (SP). The SP is automatically decreased
after the saving, and increased before the restoring. This
means the value of the SP indicates the stack location
number for the next save. Refer to Figure 8-4 on page 20.
Figure 8-9 RPR(RAM Page Select Register)
User Memory
Control
Registers
0000H
00BFH
00C0H
PAGE0
PAGE1
(When “G-flag=0”,
this page0 is selected)
or Stack Area
User Memory
00FFH
0100H
01FFH
(192Bytes)
(64Bytes)
Not Available
01BFH
01C0H
System clock source select
000 : PAGE0
001 : PAGE1
INITIAL VALUE: ---- -000B
ADDRESS: 0E1H
RPR
010 : Not used
011 : Not used
-
765
432
10
-
-
R/W
R/W
R/W
RPR2
--
RPR1 RPR0
100 : Not used
-
others : Setting prohibited


Similar Part No. - MC80C0104B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC80C0208 ETC1-MC80C0208 Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0208K ETC1-MC80C0208K Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0208Q ETC1-MC80C0208Q Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0216 ETC1-MC80C0216 Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0216K ETC1-MC80C0216K Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC80C0104B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com