Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC80C0104B Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # MC80C0104B
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC80C0104B Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button MC80C0104B Datasheet HTML 15Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 16Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 17Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 18Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 19Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 20Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 21Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 22Page - List of Unclassifed Manufacturers MC80C0104B Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 126 page
background image
Preliminary
MC80F0104/0204
Mar. 2005 Ver 0.2
15
7.4 DC Electrical Characteristics
(TA=-40~85°C, VDD=5.0V, VSS=0V),
Parameter
Symbol
Pin
Condition
Specifications
Unit
Min.
Typ.
Max.
Input High Voltage
VIH1
XIN, RESET
0.8 VDD
-
VDD
V
VIH2
Hysteresis Input1
0.8 VDD
-
VDD
VIH3
Normal Input
0.7 VDD
-
VDD
Input Low Voltage
VIL1
XIN, RESET
0-
0.2 VDD
V
VIL2
Hysteresis Input1
0-
0.2 VDD
VIL3
Normal Input
0
-
0.3 VDD
Output High Voltage
VOH
All Output Port
VDD=5V, IOH=-5mA
VDD -1
--
V
Output Low Voltage
VOL
All Output Port
VDD=5V, IOL=10mA
-
-1
V
Input Pull-up Current
IP
Normal Input
VDD=5V
-70
-
-130
µA
Input High
Leakage Current
IIH1
All Pins (except XIN)VDD=5V
--
5
µA
IIH2
XIN
VDD=5V
--
15
µA
Input Low
Leakage Current
IIL1
All Pins (except XIN)VDD=5V
-5
-
-
µA
IIL2
XIN
VDD=5V
-15
-
-
µA
Hysteresis
| VT |
Hysteresis Input1
VDD=5V
0.5
-
-
V
PFD Voltage
VPFD
VDD
2.0
-
3.0
V
POR Voltage
VPOR
VDD
2.4
V
POR Start Voltage2
VSTART VDD
0TBD
V
POR Rising Time2
TRISE
VDD
TBD
V/ms
Internal RC WDT
Period
TRCWDT XOUT
VDD=5.5V
36
-
90
µS
Operating Current
IDD
VDD
VDD=5.5V, fXIN=12MHz
-6
9
mA
Wake-up Timer
Mode Current
IWKUP
VDD
VDD=5.5V, fXIN=12MHz
-1
2
mA
RCWDT Mode
Current at STOP
Mode
IRCWDT VDD
VDD=5.5V
-20
50
µA
Stop Mode Current
ISTOP
VDD
VDD=5.5V, fXIN=12MHz
-0.7
1.6
µA
Internal Oscillation
Frequency
fIN_CLK
XOUT
VDD=5V
345
MHz
RESET Input Noise
Cancel Time
TRST_NC RESET
VDD=5V
1.5
1.8
µs
External RC
Oscillator Frequency
fRC-OSC fXOUT = fRC-OSC ÷ 4
VDD=5.5V
R=30k
Ω, C=10pF
TBD
MHz
fR-OSC
fXOUT = fR-OSC ÷ 4VDD=5.5V, R=30kΩ
TBD
MHz
1. Hysteresis Input: INT0 ~INT3(R11,R12,R03,R00),SIO(R00,R01,R02),UART(R04,R06),EC0,EC1
2. VSTART and TRiSE parameter is presented for design guidance only and not tested or guaranteed.


Similar Part No. - MC80C0104B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC80C0208 ETC1-MC80C0208 Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0208K ETC1-MC80C0208K Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0208Q ETC1-MC80C0208Q Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0216 ETC1-MC80C0216 Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0216K ETC1-MC80C0216K Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC80C0104B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com