Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


EPVP6200 Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part No. EPVP6200
Description  VFD Controller
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMC [ELAN Microelectronics Corp]
Homepage  http://www.emc.com.tw
Logo 

 16 page
background image
ePVP6200
VFD Controller
10 of 57
11.18.2004 (V1.53)
This specification is subject to change without further notice.
"TBL" allows a relative address to be added to the current PC, and the contents of the ninth
and tenth bits do not change. The most significant bit (A10~A13) will be loaded with the
contents of bit PS0~PS3 in the status register (R5 PAGE 1) upon execution of a "JMP,”
"CALL,” "ADD R2, A.” or "MOV R2, A'' instruction.
If an interrupt is triggered, PROGRAM ROM will jump to address 0x08 at Page0. The CPU
will automatically store ACC, R3 status, and R5 PAGE 1, and they will be restored after
execution of instruction RETI.
7.2.4 R3 (Status, Page Selection)
(Status Flag, Page Selection Bits)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RPAGE1
RPAGE0
IOCPAGE
T
P
Z
DC
C
R/W-0
R/W-0
R/W-0
R
R
R/W
R/W
R/W
Bit 0 (C) :
Carry flag
The carry flag is affected by following operation :
a. Addition : CF as a carry out indicator, when the addition operation has a carry-out,
CF will be "1", in
another word, if the operation has no carry-out, CF will be "0".
b. Subtraction : CF as a borrow-in indicator, when the subtraction operation must has
a borrow-in, the CF
will be "0", in another word, if no borrow-in, CF will be "1".
c. Comparision : CF is as a borrow-in indicator for Comparision operation as the
same as subtraction
operation.
d. Rotation : CF shifts into the empty bit of accumulator for the rotation and holds the
shift out data after
rotation.
Bit 1 (DC) : Auxiliary carry flag
Bit 2 (Z) :
Zero flag
ZF is affected by the result of ALU, if the ALU operation generate a "0" result, the ZF
will be "1", otherwise, the ZF will be "0".
Bit 3 (P) :
Power down bit
Set to 1 during power on or by a "WDTC" command and reset to 0 by a "SLEP"
command.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD163111/8- to 1/16-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6351VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
UPD163121/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6355VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
STM863121/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreSTMicroelectronics
NJU3423VFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
UPD16314DOT CHARACTER VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
AD163151/4-to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NJU3421AVFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
AD63111/8- to 1/16 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl