Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


EPVP6200 Datasheet(PDF) 14 Page - ELAN Microelectronics Corp

Part No. EPVP6200
Description  VFD Controller
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMC [ELAN Microelectronics Corp]
Homepage  http://www.emc.com.tw
Logo 

 14 page
background image
ePVP6200
VFD Controller
8 of 57
11.18.2004 (V1.53)
This specification is subject to change without further notice.
7
Function Descriptions
7.1 Operation Registers Configuration
R PAGE Registers
Addr
R PAGE0
R PAGE1
R PAGE2
00
Indirect addressing
01
TCC
02
PC
03
Page, Status
04
RAM bank, RSR
05
Port5 Output data
Program ROM page
06
Port6 Output data
SPI data buffer
07
Port7 Output data
Counter1 data
08
Port8 Output data
Data RAM address
Counter2 LB data
09
Port9 I/O data
Data RAM data buffer
Counter2 HB data
0A
PLL, Main clock,WDTE
Counter3 data
0B
Port9 pull high
Counter4 data
0C
PortC I/O data
PortC pull high
Counter5 data
0D
Interrupt flag
0E
Interrupt flag, Wake-up control
0F
Interrupt flag
10
:
1F
16 bytes
Common registers
20
:
3F
Bank0 ~ Bank3
Common registers
(32x8 for each bank)
IOC PAGE Registers
Addr
IOC PAGE0
IOC PAGE1
00
01
02
03
04
05
Port5 switch
06
07
08
Clock source (CN2,CN1)
Prescaler (CN2,CN1)
09
Port9 I/O control
Clock source (CN4,CN3)
Prescaler (CN4,CN3)
0A
Clock source (CN5)
Prescaler (CN5)
0B
0C
PortC I/O control
PortC switch
0D
Interrupt mask
0E
Interrupt mask
0F
Interrupt mask




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD163111/8- to 1/16-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6351VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
UPD163121/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6355VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
STM863121/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreSTMicroelectronics
NJU3423VFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
UPD16314DOT CHARACTER VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
AD163151/4-to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NJU3421AVFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
AD63111/8- to 1/16 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl