Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


EPVP6200 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part No. EPVP6200
Description  VFD Controller
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMC [ELAN Microelectronics Corp]
Homepage  http://www.emc.com.tw
Logo 

 13 page
background image
ePVP6200
VFD Controller
This specification is subject to change without further notice.
11.18.2004 (V1.53)
7 of 57
4. Interrupt Function
5. Programmable Internal Pull-High
3
PLLC
I
1
Phase Lock Loop Capacitor (connect a Capacitor 0.01 to 0.047u
to the Ground).
4
OSCI
I
1 Crystal Oscillator input pin (32, 768Hz)
5
OSCO
O
1 Crystal Oscillator output pin (32, 768Hz)
6
VSS
-
1 Connect this pin to GND of the system
38
/RESET
I
1 Low active RESET signal input
Schmitt
37
VEE
-
1 Pull-down level (VDD-(-40V)max)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD163111/8- to 1/16-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6351VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
UPD163121/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6355VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
STM863121/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreSTMicroelectronics
NJU3423VFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
UPD16314DOT CHARACTER VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
AD163151/4-to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NJU3421AVFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
AD63111/8- to 1/16 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl