Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


EPVP6200 Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part No. EPVP6200
Description  VFD Controller
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMC [ELAN Microelectronics Corp]
Homepage  http://www.emc.com.tw
Logo 

 12 page
background image
ePVP6200
VFD Controller
6 of 57
11.18.2004 (V1.53)
This specification is subject to change without further notice.
6
Pin Descriptions
Pin No.
Pin Name
I/O
#
Description
Note
7,8
VDD
-
2 Logic power supply
51
STB/GPIOC4
I/O 1
1. Serial Interface Strobe input pin. While the STB goes low, it
will cause interrupt event. The data input after the STB has
fallen is processed as a command. When this pin is “HIGH,”
CLK is ignored.
2. Programmable Internal pull high
3. GPIOC4 function
Schmitt
Pull-up
52
CLK/GPIOC5
I/O 1
1. Clock input pin. This pin reads serial data at the rising edge
and outputs data at the falling edge.
2. Programmable Internal pull high
3. GPIOC5 function
Schmitt
Pull-up
1
DOUT/GPIOC6
I/O 1
1. Data output pin (N-channel, Open-Drain)
2. This pin outputs serial data at the falling edge of the shift clock
(starting from lower bit).
3. Programmable internal pull high
4. GPIOC6 function
Schmitt
Pull-up
2
DIN/GPIOC7
I/O 1
1. Data input pin. This pin inputs serial data at the rising edge of
the shift clock (starting from lower bit.)
2. Programmable Internal pull high
3. GPIOC7 function
Schmitt
Pull-up
47~50
GPIOC0 – GPIOC3
I/O 4
General Purpose I/O pins:
1. Key data input to these pins is latched at the end of display
cycle.
2. These pins constitute 4-bit general-purpose input/output port.
3. Programmable Internal Pull-High
4. Wake-up Function
Schmitt
Pull-up
9~16
GR1– GR8
O
8 1. High voltage grid output
17~24
GR9 /SG20
GR16 /SG13
O
8
1. High voltage grid output
2. High voltage segment output
25~27
GR17/SG12/KS12
GR19/SG10/KS10
O
3
1. High voltage grid output
2. High voltage segment output
3. Matrix key scan output
28~32
P20/SG9/KS9
P24/SG5/KS5
O
5
1. High voltage segment output
2. Matrix key scan output
33~36
SG4/KS4
SG1/KS1 I/O 4
1. High voltage segment output
2. Matrix key scan output
3. General Purpose Input pins: p54~p57
40~46
GPIO90/LED0 –
GPIO97/LED7
I/O 8
1. General Purpose I/O pins
2. LED output pin (20mA)
3. IR Detector
Schmitt
Pull-up




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD163111/8- to 1/16-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6351VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
UPD163121/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6355VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
STM863121/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreSTMicroelectronics
NJU3423VFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
UPD16314DOT CHARACTER VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
AD163151/4-to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NJU3421AVFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
AD63111/8- to 1/16 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl