Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


EPVP6200 Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part No. EPVP6200
Description  VFD Controller
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMC [ELAN Microelectronics Corp]
Homepage  http://www.emc.com.tw
Logo 

 7 page
background image
ePVP6200
VFD Controller
This specification is subject to change without further notice.
11.18.2004 (V1.53)
1 of 57
1
General Description
The ePVP6200 is an 8-bit RISC type vacuum fluorescent display (VFD) controller equipped
with low power consumption and high speed CMOS technology. This integrated single chip
features on_chip watchdog timer (WDT), one time programming ROM (OTP), data RAM,
programmable real time clock/counter, internal interrupt, power down mode, built-in four-wire
SPI, IR detector, and high voltage output for VFD application.
2. Feature
2.1 CPU
Clock source:
Crystal Oscillator
Crystal Oscillator (32.768KHz): with a external crystal
8k x 13 on chip Program ROM.
256 x 8 on chip data RAM
144 x 8 general purpose registers
16 level stack for subroutine nesting
5 channel 8-bit counters:
real time clock/counter (TCC) ,COUNTER1, COUNTER3,
COUNTER4, COUNTER5
1 channel 16-bit counter:
COUNTER2
On-chip watchdog timer (WDT)
99.9% single instruction cycle commands
Four operation modes
Mode
CPU Status
Main Clock
32.768kHz Clock
Status
Description
Sleep mode
Turn off
Turn off
Turn off
RA(6) = 0
RA(7) = 0 + "SLEP"
instruction
Idle mode
Turn off
Turn off
Turn on
RA(6) = 0
RA(7) = 1 +"SLEP"
instruction.
Green mode
Turn on
Turn off
Turn on
RA(6) = 0
Normal mode
Turn on
Turn on
Turn on
RA(6) = 1
* Main clock can be programmed from 447.829k to 17.91MH by internal PLL
* 8 main clocks: 447.829K, 895.658K, 1.791M , 3.582M , 7.165M , 10.747M ,
14.331M and 17.91MHz
12 interrupt source, 5 external (IR , INT1~INT4 ), 7 internal (SPI, TCC, COUNTER1~5)
2.2 SPI
Serial interface for Clock, Data Input, Data Output, and Strobe pins




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD163111/8- to 1/16-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6351VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
UPD163121/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6355VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
STM863121/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreSTMicroelectronics
NJU3423VFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
UPD16314DOT CHARACTER VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
AD163151/4-to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NJU3421AVFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
AD63111/8- to 1/16 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl