Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


EPVP6200 Datasheet(PDF) 53 Page - ELAN Microelectronics Corp

Part No. EPVP6200
Description  VFD Controller
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMC [ELAN Microelectronics Corp]
Homepage  http://www.emc.com.tw
Logo 

 
 53 page
background image
ePVP6200
VFD Controller
This specification is subject to change without further notice.
11.18.2004 (V1.53) 47 of 57
STB
CLK
Data in
Data out
Sn/Gn
PW
PW
PW
t
t
tt
t
t
t
90%
10%
CLK
CLK
CLKSTB
STB
SETUP
HOLD
PZL
PLZ
THZ
TZH
Fig. 21b Switching Characteristic Timing Diagram
15.1 Switching Characteristics (Ta = - 20 to + 70
°C,
VDD = 4.5 to 5.5V, VEE = VDD - 45V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Oscillation frequency
tOSC
-
32.768
-
KHz
tPLZ
-
-
300
ns
Propagation delay
time
tPZL
-
-
100
ns
CLK
→DOUT
CL = 15pF, RL = 10K
tTZH1
2
us
SEG1/KS1 to SEG4/KS4,
P24/SG5/KS5 to
P20/SG9/KS9.
Rise time
tTZH2
0.5
µs
CL = 100pF
VEE=-25V
GR1 to GR8
GR9/SG20 to GR9/ SG13,
GR17/SG12/KS12 to
GR19/SG10/KS10
Fall time
tTHZ
100
110
120
µs
CL = 100pF, VEE=-25V ,SEGn, GRIDn
Data input clock freq.
fmax
-
1
1.25
MHz
Duty = 50 %, CLK
Input capacitance
CI
15
pF
Clock pulse width
PWCLK
400
500
-
ns
Strobe pulse width
PWSTB
0.8
1
-
µs
Data setup time
tSETUP
100
-
-
ns
Data hold time
tHOLD
100
-
-
ns
Clock-Strobe time
tCLKSTB
0.8
1
-
µs
CLK
↑→STB↑
Wait time
tWAIT
-
-
-
µs
CLK
↑→CLK↑*




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD163111/8- to 1/16-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6351VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
UPD163121/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6355VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
STM863121/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreSTMicroelectronics
NJU3423VFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
UPD16314DOT CHARACTER VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
AD163151/4-to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NJU3421AVFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
AD63111/8- to 1/16 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl