Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


EPVP6200 Datasheet(PDF) 48 Page - ELAN Microelectronics Corp

Part No. EPVP6200
Description  VFD Controller
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMC [ELAN Microelectronics Corp]
Homepage  http://www.emc.com.tw
Logo 

 48 page
background image
ePVP6200
VFD Controller
42 of 57
11.18.2004 (V1.53)
This specification is subject to change without further notice.
HV Output pull-down
resistor
RL
40
80
120
K
Driver output (VEE= -25V)
Power down current
(SLEEP mode)
Crystal oscillation operating
mode
ISB1
-
1.5
µA
VDD =5V ,All input and I/O pin at
VDD, output pin floating, WDT
disabled
30
60
µA
VDD =3V CLK=32.768KHz, all
analog circuits disabled, all input and
I/O pin at VDD, output pin floating
Low clock current
(GREEN mode)
Crystal oscillation
operating mode
ISB2
65
90
µA
VDD =5V CLK=32.768KHz, all
analog circuits disabled, all input and
I/O pin at VDD, output pin floating
30
45
µA
VDD =3V CLK=32.768KHz, all
analog circuits disabled, all input and
I/O pin at VDD, output pin floating
Low clock current
(IDLE mode)
Crystal oscillation operating
mode
ISB3
45
60
µA
VDD =5V CLK=32.768KHz, all
analog circuits disabled, all input and
I/O pin at VDD, output pin floating
Operating supply current
(Normal mode)
Crystal oscillation operating
mode
ICC
1.3
2
mA
/RESET=High, CLK=3.582MHz, all
analog circuits disabled, output pin
floating
12 AC Electrical Characteristic
12.1 CPU Instruction Timing
(Ta = -20
°C ~ 70°C, VDD=5V, VSS=0V)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input CLK duty cycle
Dclk
45
50
55
%
Instruction cycle time
Tins
32.768kHz
3.582MHz
60
550
us
ns
Device delay hold time
Tdrh
16
ms
TCC input period
Ttcc
Note 1
(Tins+20)/N
ns
Watchdog timer period
Twdt
Ta = 25
°C
16
ms
NOTE: N= selected prescaler ratio




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD163111/8- to 1/16-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6351VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
UPD163121/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6355VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
STM863121/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreSTMicroelectronics
NJU3423VFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
UPD16314DOT CHARACTER VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
AD163151/4-to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NJU3421AVFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
AD63111/8- to 1/16 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl