Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


EPVP6200 Datasheet(PDF) 47 Page - ELAN Microelectronics Corp

Part No. EPVP6200
Description  VFD Controller
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMC [ELAN Microelectronics Corp]
Homepage  http://www.emc.com.tw
Logo 

 47 page
background image
ePVP6200
VFD Controller
This specification is subject to change without further notice.
11.18.2004 (V1.53) 41 of 57
10 Absolute Operation Maximum Ratings
Absolute maximum ratings (Ta = 25
°C, Vss = 0 V)
Parameter
Symbol
Ratings
Unit
Logic supply voltage
VDD
-0.5 to + 6
V
Driver supply voltage
VEE
VDD +0.5 to VDD - 45
V
Logic input voltage
VI
-0.5 to VDD +0.5
V
VFD driver output voltage
VO
VEE -0.5 to VDD +0.5
V
LED driver output current
IO1
+25
mA
VFD driver output current
IO2
-40 (Grid)
-15 (Segment)
mA
Operating ambient temperature
Topt
-40 to +85
°C
Storage temperature
Tstg
-65 to +150
°C
11 DC Electrical Characteristic
(Ta = -20 to +70
°C, VDD = 4.5 to 5.5V, Vss = 0V, VEE = VDD - 45V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Schmitt Trigger Negative
Going Threshold Voltage
VT-
1.5
1.8
2.1
Schmitt Trigger Positive
Going Threshold Voltage
VT+
2.9
3.2
3.5
V
GPIOC, GPO9, CLK, STB, DIN and
/RESET
Input Leakage Current
IIN
-
-
±
1
uA
VIN = VDD or VSS
Pull Up Resister
RPU
50
75
100
GPIOC, GPO9, CLK, STB, DOUT,
DIN , CRYXRC and /RESET @
VDD=5V
Digital Output Voltage High
VOH
0.8VDD
-
VDD
V
Digital Output Voltage Low
VOL
VSS
-
0.2VDD
V
DOUT, GPIOC
Digital Output High Current
IOH1
-2
-4
-5
mA
VOH=2.4V / DOUT, GPIOC
Digital Output Low Current
IOL1
2
4
5
mA
VOL=0.4V / DOUT, GPIOC
Digital Output High Current
IOH2
-15
-18
-25
mA
VOH=2.4V / GPIO9
Digital Output Low Current
IOL2
15
18
25
mA
VOL=0.4V / GPIO9
HV Output Current
IOH1
-6
-5
-3
mA
Vo = VDD –2V,(VDD=5V)
SEG1/KS1 to SEG4/KS4,
SG5/KS5 to SG9/KS9.
HV Output Current
IOH2
-15
-14
-11
mA
Vo = VDD –2V,(VDD=5V)
GR1 to GR8
GR9/SG20 to GR16/SG13,
GR17/SG12/KS12 to
GR19 /SG10/KS10
HV leakage current
IHVLEAK
5
8
10
uA
Vo = VDD –45V, driver off




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD163111/8- to 1/16-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6351VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
UPD163121/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6355VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
STM863121/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreSTMicroelectronics
NJU3423VFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
UPD16314DOT CHARACTER VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
AD163151/4-to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NJU3421AVFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
AD63111/8- to 1/16 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl