Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


EPVP6200 Datasheet(PDF) 34 Page - ELAN Microelectronics Corp

Part No. EPVP6200
Description  VFD Controller
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMC [ELAN Microelectronics Corp]
Homepage  http://www.emc.com.tw
Logo 

 34 page
background image
ePVP6200
VFD Controller
28 of 57
11.18.2004 (V1.53)
This specification is subject to change without further notice.
RBF
IOCE bit6 = 1
And “ENI
No function
Interrupt
(jump to Address 8
on Page0)
Interrupt
(jump to Address 8
on Page0)
STB
IOCE bit4 = 1
And “ENI
No function
Interrupt
(jump to Address 8
on Page0)
Interrupt
(jump to Address 8
on Page0)
NOTES:
1. PORT90 interrupt function is controlled by IOCF Bit 3. It is a falling edge or rising edge
trigger (controlled by CONT register Bit7).
2. PORT9 (1~4) interrupt functions are controlled by IOCF Bits 4, 5, 6, & 7). They are falling
edge triggers.
3. STB interrupt source function is controlled by IOCE PAGE0 Bit 4. It is falling edge trigger
after the STB goes low.
7.4 Application notes
1、Call-table instruction::
Because the call-table instruction can only change the Program Counter's bit7 ~
bit0 at each time, only 256 addresses can be searched once.
But each program page contains 1024 addresses, if call each 256 addresses as a
zone, Then each page constitutes by four zones.
When a table overlaps two zones, a bug would occur during address searching.
So the member of program must examine the .LST file at any time, the .LST file
will jot down the information that Assembler generated, for example source code,
the coding of instruction , instruction address, error message etc.
2、Operation requirement for the CPU:
The system frequency must adds a latency time ( 14.33 MHz about 250 ms ;
17.91 MHz about 450 ms.). After RA register was setting, it will offer the stable
system frequency for the operation.
3、The register initial sets to suggest
The register 0X0B of IOC page 0 & page 1 initial sets suggestion as follows
0x0B register value = 0x00
The register 0X0B of R page 0 initial sets suggestion as follows
0x0B register value = 0x00




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD163111/8- to 1/16-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6351VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
UPD163121/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6355VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
STM863121/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreSTMicroelectronics
NJU3423VFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
UPD16314DOT CHARACTER VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
AD163151/4-to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NJU3421AVFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
AD63111/8- to 1/16 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl