Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


EPVP6200 Datasheet(PDF) 28 Page - ELAN Microelectronics Corp

Part No. EPVP6200
Description  VFD Controller
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMC [ELAN Microelectronics Corp]
Homepage  http://www.emc.com.tw
Logo 

 28 page
background image
ePVP6200
VFD Controller
22 of 57
11.18.2004 (V1.53)
This specification is subject to change without further notice.
Bit 3 (PAB)
:
Prescaler assignment bit
0/1
TCC/WDT
When in WDT mode (Bit 3 = 1), the prescaler is cleared by the WDTC and
SLEP instructions. Likewise, when in TCC mode (Bit 3 = 0), the prescaler
will can NOT be cleared by SLEP instructions.
An 8-bit counter is provided as prescaler for the TCC or WDT. The
prescaler is available for the TCC only or for the WDT only at a given time.
An 8 bit counter is made available for TCC or WDT as determined by the
status of Bit 3 (PAB) of the CONT register.
Both TCC and prescaler are cleared each time a write to TCC instruction is
executed. (See the table above for the prescaler ratio under CONT register
and Fig.7 below for the TCC/WDT block diagram.)
Bit 4 (RETBK)
:
Return value backup control for interrupt routine
0/1
disable/enable
When this bit is set to 1, the CPU will store ACC, R3 status, and R5 PAGE 1
automatically after an interrupt is triggered. It will be restored after
instruction RETI. When this bit is set to 0, you need to store ACC, R3, and
R5 PAGE 1 in you program.
Bit 5 (TS)
:
TCC signal source
0
internal instruction cycle clock
timing = ( 2 / system clock) * prescaler* (256 – count vaule)
1
16.384kHz
timing = ( 1 /16.384k) * prescaler * (256 – count vaule)
Bit 6 (INT)
:
INT enable flag
0
interrupt masked by DISI or hardware interrupt
1
interrupt enabled by ENI/RETI instructions
Bit 7 (P90EG) : Interrupt edge type of P90
0
P90 interruption source is a rising edge signal.
1
P90 interruption source is a falling edge signal.
16.38KHz
Fig. 7 TCC & WDT Block Diagram




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD163111/8- to 1/16-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6351VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
UPD163121/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6355VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
STM863121/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreSTMicroelectronics
NJU3423VFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
UPD16314DOT CHARACTER VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
AD163151/4-to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NJU3421AVFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
AD63111/8- to 1/16 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl