Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


EPVP6200 Datasheet(PDF) 26 Page - ELAN Microelectronics Corp

Part No. EPVP6200
Description  VFD Controller
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMC [ELAN Microelectronics Corp]
Homepage  http://www.emc.com.tw
Logo 

 26 page
background image
ePVP6200
VFD Controller
20 of 57
11.18.2004 (V1.53)
This specification is subject to change without further notice.
7.2.15 RE (Interrupt Flags, Wake-up)
a) PAGE 0 (Interrupt Flags, Wake-up Control Bits)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
RBF
-
STB
/WUPC3
/WUPC2
/WUPC1
/WUPC0
-
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 (/WUPC0) : PORTC0 wake-up control,
0/1
disable/enable PC0 pin wake-up function
Bit 1 (/WUPC1) : PORTC1 wake-up control, 0/1
disable/enable PC1 pin wake-up function
Bit 2 (/WUPC2) : PORTC2 wake-up control,
0/1
disable/enable PC2 pin wake-up function
Bit 3 (/WUPC3) : PORTC3 wake-up control,
0/1
disable/enable PC3 pin wake-up function
Bit 4(STB)
:
SPI data transfer start interrupt.
While the STB signal goes low, it will issue this interrupt.
Bit 5 (-)
:
Not used
Bit 6 (RBF)
:
SPI data transfer complete interrupt
If the SPI RBF signal contains a rising edge signal, CPU will set this bit
(RBF set to "1" after data are completely transferred).
Bit 7(-)
:
Not used
7.2.16 RF (Interrupt Flags)
a) PAGE 0 (Interrupt Status Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INT4
INT3
INT2
INT1
IR
CNT2
CNT1
TCIF
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
NOTE: "1" means interrupt request, "0" means non-interrupt
Bit 0 (TCIF)
:
TCC timer overflow interrupt flag, Set when TCC timer overflows.
Bit 1 (CNT1)
:
Counter1 timer overflow interrupt flag. Set when Counter1 timer overflows.
Bit 2 (CNT2)
:
Counter2 timer overflow interrupt flag. Set when Counter2 timer overflows.
Bit 3 (IR)
:
External INT pin interrupt flag. If PORT90 contains a falling /rising edge
(controlled by CONT register) trigger signal, CPU will set this bit.
Bit 4 (INT1)
:
External IR interrupt flag. If PORT91 contains a falling edge trigger
signal, CPU will set this bit.
Bit 5(INT2)
:
External INT2 pin interrupt flag. If PORT92 has a falling edge trigger
signal, CPU will set this bit.
Bit 6 : (INT3)
:
External INT3 pin interrupt flag. If PORT93 has a falling edge trigger
signal, CPU will set this bit.
Bit 7(INT4)
:
External INT1 pin interrupt flag, If PORT94 has a falling edge trigger
signal, CPU
will set this bit.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD163111/8- to 1/16-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6351VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
UPD163121/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6355VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
STM863121/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreSTMicroelectronics
NJU3423VFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
UPD16314DOT CHARACTER VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
AD163151/4-to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NJU3421AVFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
AD63111/8- to 1/16 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl