Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


EPVP6200 Datasheet(PDF) 23 Page - ELAN Microelectronics Corp

Part No. EPVP6200
Description  VFD Controller
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMC [ELAN Microelectronics Corp]
Homepage  http://www.emc.com.tw
Logo 

 23 page
background image
ePVP6200
VFD Controller
This specification is subject to change without further notice.
11.18.2004 (V1.53) 17 of 57
Bit 7 (IDLE) : SLEEP or IDLE mode control as set by SLEP instruction.
0/1
SLEEP mode/IDLE mode.
This bit allows SLEP instruction to decide which power saving mode to
execute. The status after wake-up and the wake-up source list is as the shown
below.
Wakeup Signal
SLEEP Mode
IDLE Mode
RA(7,6)=(0,0)
+ SLEP
RA(7,6)=(1,0)
+ SLEP
TCC time out
IOCF Bit0=1
No function
1) Wake-up
2) Jump to next instruction after SLEP
COUNTER1 time out
IOCF Bit1=1
No function
1) Wake-up
2) Jump to next instruction after SLEP
COUNTER2 time out
IOCF Bit2=1
No function
1) Wake-up
2) Jump to next instruction after SLEP
COUNTER3 time out
IOCD Bit0=1
No function
1) Wake-up
2) Jump to next instruction after SLEP
COUNTER4 time out
IOCD Bit1=1
No function
1) Wake-up
2) Jump to next instruction after SLEP
COUNTER5 time out
IOCD Bit2=1
No function
1) Wake-up
2) Jump to next instruction after SLEP
PORT90(IR function)
IOCF Bit3=1
Reset and jump
to Address 0
1) Wake-up
2) Jump to next instruction after SLEP
WDT time out
Reset and jump
to Address 0
1) Wake-up
2) Next instruction
PORTC(0~3)(Key1~Key4)
RE PAGE0 Bit3 or Bit4 or Bit5 or Bit6 = 1
Reset and Jump
to Address 0
1) Wake-up
2) Jump to next instruction after SLEP
PORT9(1~4)
IOCF Bit4 or Bit5 or Bit6 =1 or Bit7=1
Reset and Jump
to Address 0
1) Wake-up
2) Jump to next instruction after SLEP
NOTES: 1 PORT90 wakeup function is controlled by IOCF Bit 3. It is a falling edge or rising edge
trigger (controlled by CONT register Bit7).
2. PORT91 wakeup function is controlled by IOCF Bit 4. It is a falling edge trigger.
3. PORT92 ~ PORT94 wakeup functions are controlled by IOCF. They are falling edge
triggers.
4. PORTC0 ~ PORTC3 wakeup functions are controlled by RE PAGE0 Bit 0 ~ Bit 3. They are
falling edge triggers.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD163111/8- to 1/16-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6351VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
UPD163121/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6355VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
STM863121/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreSTMicroelectronics
NJU3423VFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
UPD16314DOT CHARACTER VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
AD163151/4-to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NJU3421AVFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
AD63111/8- to 1/16 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl