Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


EPVP6200 Datasheet(PDF) 22 Page - ELAN Microelectronics Corp

Part No. EPVP6200
Description  VFD Controller
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMC [ELAN Microelectronics Corp]
Homepage  http://www.emc.com.tw
Logo 

 22 page
background image
ePVP6200
VFD Controller
16 of 57
11.18.2004 (V1.53)
This specification is subject to change without further notice.
7.2.11 RA (PLL, Main Clock Selection, Watchdog Timer),
Counter3 Data
a) PAGE 0 (PLL Enable Bit, Main Clock Selection Bits,
Watchdog Timer Enable Bit)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IDLE
PLLEN
CLK2
CLK1
CLK0
-
-
WDTEN
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
Bit 0 (WDTEN) : Watch dog control bit
You can use WDTC instruction to clear watch dog counter. The counter
clock source is 32768/2 Hz. If the prescaler is assigned to TCC, Watch dog
will time out by (1/32768 )*2 * 256 = 15.616mS. If the prescaler is assigned
to WDT, the time out interval will be longer depending on the prescaler.
Ratio.
0/1
disable/enable
Bit 1~Bit 2 : Unused
Bit 3 ~ Bit 5 (CLK0 ~ CLK2) : MAIN clock selection bits
You can select different frequencies for the main clock with CLK1 and
CLK2. All the available clock selections are listed below.
PLLEN
CLK2
CLK1
CLK0
Sub clock
MAIN clock
CPU clock
1
0
0
0
32.768kHz
447.829kHz
447.829kHz (Normal mode)
1
0
0
1
32.768kHz
895.658kHz
895.658kHz (Normal mode)
1
0
1
0
32.768kHz
1.791MHz
1.791MHz (Normal mode)
1
0
1
1
32.768kHz
3.582MHz
3.582MHz (Normal mode)
1
1
0
0
32.768kHz
7.165MHz
7.165MHz (Normal mode)
1
1
0
1
32.768kHz
10.747MHz
10.747MHz (Normal mode)
1
1
1
0
32.768kHz
14.331MHz
14.331MHz (Normal mode)
1
1
1
1
32.768kHz
17.91MHz
17.91MHz (Normal mode)
0
Don’t care Don’t care Don’t care 32.768kHz
Don’t care
32.768kHz (Green mode)
Bit 6 (PLLEN) :
PLL's power control bit which is CPU mode control register
0/1
disable PLL/enable PLL
If PLL is enabled, CPU will operate at normal mode (high frequency).
Otherwise, it will run at green mode (low frequency, 32768 Hz).
Sub-clock
32.768kHz
switch
0
1
System clock
PLL circuit
447.8293kHz ~17.9132M Hz
ENPLL
CLK2 ~ CLK0
Fig. 6 The Relation Between 32.768kHz and PLL




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD163111/8- to 1/16-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6351VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
UPD163121/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
PT6355VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
STM863121/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreSTMicroelectronics
NJU3423VFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
UPD16314DOT CHARACTER VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreNEC
AD163151/4-to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NJU3421AVFD CONTROLLER DRIVER 1 2 3 4 5 MoreNew Japan Radio
AD63111/8- to 1/16 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl