Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2520 Datasheet(PDF) 2 Page - TEKTRONIX, INC.

Part # 2520
Description  2520 Pulsed Laser Diode Test System
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2520 Datasheet(HTML) 2 Page - TEKTRONIX, INC.

  2520 Datasheet HTML 1Page - TEKTRONIX, INC. 2520 Datasheet HTML 2Page - TEKTRONIX, INC. 2520 Datasheet HTML 3Page - TEKTRONIX, INC. 2520 Datasheet HTML 4Page - TEKTRONIX, INC. 2520 Datasheet HTML 5Page - TEKTRONIX, INC. 2520 Datasheet HTML 6Page - TEKTRONIX, INC. 2520 Datasheet HTML 7Page - TEKTRONIX, INC. 2520 Datasheet HTML 8Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Datasheet
TEK.COM
2
LIV Test Capability
The Model 2520 can perform pulsed LIV testing up to 5A and
continuous LIV testing up to 1A. Its pulsed testing capability
makes it suitable for testing a broad range of laser diodes,
including the pump laser designs for Raman amplifiers. The
instrument’s ability to perform both DC and pulsed LIV sweeps
on the same device simplifies analyzing the impact of thermal
transients on the LIV characteristics of the laser diode.
Maximize Throughput and Eliminate
Production Bottlenecks
By working in cooperation with leading laser diode
manufacturers, Keithley designed the Model 2520 specifically
to enhance chip- and bar-level test stand yield and
throughput. Its integrated design, ease of use, high speed,
and high accuracy provides a complete solution to help
laser diode manufacturers meet their production schedules.
Producers of laser diodes face constant pressure to increase
test throughput and optimize return on investment for their
capital equipment used in production testing. Until recently,
these producers were forced to use relatively slow and
cumbersome test stands for testing laser diodes at the chip
and bar level, which often led to production bottlenecks.
Higher Resolution for Higher Yields
To achieve the required signal-to-noise ratio, traditional
chip- and bar-level LIV testing solutions have required
the use of boxcar averagers or test system control
software modifications to allow averaging several pulsed
measurements. The resolution of these measurements is
critical for the “kink” test and threshold current calculations.
With earlier test system designs, particularly when
performing the kink test, low resolution and poor linearity of
the analog digitizer made it extremely difficult to discriminate
between noise in the measurement and an actual device
kink. The Model 2520’s unique DSP-based measurement
approach automatically identifies the settled region of
the pulsed waveforms measured. This means the Model
2520 stores only that portion of the pulse that is “flat” and
contains meaningful data. All measurements made in the
flat portion of the pulse are averaged to improve the Signal-
to-Noise ratio still further. If greater resolution is required,
the Model 2520 can be programmed to perform several
pulse and measure cycles at the same pulse amplitude. By
making it possible to conduct more thorough testing at the
bar or chip level, the Model 2520 also eliminates the wasted
time and costs associated with assembling then scrapping
modules with non-compliant diodes.
Simple, One-Box Test Solution
The Model 2520 offers three channels of source and
measurement circuitry. All three channels are controlled by
a single digital signal processor (DSP), which ensures tight
synchronization of the sourcing and measuring functions.
The laser diode drive channel provides a current source
coupled with voltage measurement capability. Each of
the two photodetector channels supplies an adjustable
voltage bias and voltage compliance, in addition to current
measurement capability. These three channels provide all
the source and measure capabilities needed for full LIV
characterization of laser diodes prior to integration into
temperature controlled modules. By eliminating the need
for GPIB commands to perform test sweeps with multiple
separate instruments, the Model 2520’s integrated sourcing
and measurement allows a significant improvement in
throughput.
Ordering Information
2520 Pulsed Laser Diode Test System with
Remote Test Head
Accessories Supplied
User’s Manual, Quick Reference Guide,
Triax Cables (2), BNC 10W Coaxial Cables (4)
Accessories Available
7007-1
Double Shielded GPIB
Cable, 1m (3.3 ft.)
7007-2
Double Shielded GPIB
Cable, 2m (6.6 ft.)
KPCI-488LPA
IEEE-488 Interface/
Controller for the PCI Bus
KUSB-488B
IEEE-488 USB-to-GPIB
Adapter for USB Port
Services Available
2520-3Y-EW
1-year factory warranty
extended to 3 years from
date of shipment
C/2520-3Y-DATA 3
(Z540-1 compliant)
calibrations within 3 years
of purchase*
*Not available in all countries


Similar Part No. - 2520

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2520 SEMTECH-2520 Datasheet
95Kb / 2P
   HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
logo
Kemet Corporation
2520 KEMET-2520 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
3M Electronics
2520 3M-2520 Datasheet
41Kb / 2P
   Varnished Cambric Tapes 2510 and 2520
logo
PHOENIX CONTACT
2520 PHOENIX-2520 Datasheet
212Kb / 3P
   VARIOFACE Professional for D-subminiature plug connectors
05/2009
logo
Heyco.
2520 HEYCO-2520 Datasheet
91Kb / 1P
   Feets of Strength
More results

Similar Description - 2520

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L6690-53 HAMAMATSU-L6690-53_15 Datasheet
1Mb / 2P
   PULSED LASER DIODE
logo
Roithner LaserTechnik G...
RLT1610-100MPG ROITHNER-RLT1610-100MPG Datasheet
58Kb / 1P
   Pulsed Infrared Laser Diode
LDMP-1550-020W-91 ROITHNER-LDMP-1550-020W-91 Datasheet
388Kb / 3P
   Pulsed Infrared Laser Diode
logo
Rochester Electronics
PLD850-10-MG ROCHESTER-PLD850-10-MG Datasheet
122Kb / 1P
   MOCVD Pulsed Laser Diode
PLD904-4-T ROCHESTER-PLD904-4-T Datasheet
214Kb / 2P
   Pulsed Infrared Laser Diode
logo
Roithner LaserTechnik G...
RLT415-200PMG ROITHNER-RLT415-200PMG Datasheet
85Kb / 2P
   Violet Pulsed Laser Diode
logo
Hamamatsu Corporation
L6690 HAMAMATSU-L6690 Datasheet
95Kb / 2P
   INFRARED PULSED LASER DIODE
logo
Rochester Electronics
PLD904-10-MG ROCHESTER-PLD904-10-MG Datasheet
77Kb / 1P
   MOCVD Pulsed Laser Diode
logo
Hamamatsu Corporation
C6582 HAMAMATSU-C6582 Datasheet
172Kb / 2P
   Pulsed laser diode module
logo
Rochester Electronics
RLT1610-100MPG ROCHESTER-RLT1610-100MPG Datasheet
58Kb / 1P
   Pulsed Infrared Laser Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com