Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4476A Datasheet(PDF) 3 Page - Texas Instruments

Part # PT4476A
Description  100-W 8.5-A Programmable Isolated DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4476A Datasheet(HTML) 3 Page - Texas Instruments

  PT4476A Datasheet HTML 1Page - Texas Instruments PT4476A Datasheet HTML 2Page - Texas Instruments PT4476A Datasheet HTML 3Page - Texas Instruments PT4476A Datasheet HTML 4Page - Texas Instruments PT4476A Datasheet HTML 5Page - Texas Instruments PT4476A Datasheet HTML 6Page - Texas Instruments PT4476A Datasheet HTML 7Page - Texas Instruments PT4476A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Efficiency vs Output Current
Power Dissipation vs Output Current
Typical Characteristics
PT4476—24V
100-W 8.5-A Programmable
Isolated DC/DC Converter
Efficiency vs Output Current
Performance Characteristics, Vo =15V (See Note A)
Performance Characteristics, Vo =12V (See Note A)
60
65
70
75
80
85
90
95
01
234567
8
Iout (A)
18.0V
24.0V
30.0V
36.0V
VIN
0
2
4
6
8
10
12
14
16
18
01
234
5678
Iout (A)
36.0V
30.0V
24.0V
18.0V
VIN
60
65
70
75
80
85
90
95
01
234
5678
Iout (A)
18.0V
24.0V
30.0V
36.0V
VIN
0
2
4
6
8
10
12
14
01
234
5678
Iout (A)
36.0V
30.0V
24.0V
18.0V
VIN
Power Dissipation vs Output Current
Safe Operating Area, Vo =12V, Vin =24V ( See Note B)
Safe Operating Area, Vo =15V, Vin =24V ( See Note B)
20
30
40
50
60
70
80
90
012345
678
Iout (A)
Nat conv
100LFM
200LFM
300LFM
400LFM
500LFM
Airflow
20
30
40
50
60
70
80
90
01234
56
Iout (A)
500LFM
400LFM
300LFM
200LFM
100LFM
Nat conv
Airflow


Similar Part No. - PT4476A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4470 TI-PT4470 Datasheet
154Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4471 TI-PT4471 Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4471A TI-PT4471A Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4471C TI-PT4471C Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4471N TI-PT4471N Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
More results

Similar Description - PT4476A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4475 TI-PT4475 Datasheet
436Kb / 6P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4486 TI-PT4486 Datasheet
208Kb / 9P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4484 TI-PT4484 Datasheet
151Kb / 7P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4452 TI-PT4452 Datasheet
112Kb / 4P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4473 TI-PT4473 Datasheet
174Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4481 TI-PT4481 Datasheet
177Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4472 TI-PT4472 Datasheet
154Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4441 TI-PT4441 Datasheet
156Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4474 TI-PT4474 Datasheet
172Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4471 TI-PT4471 Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com