Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4494A Datasheet(PDF) 3 Page - Texas Instruments

Part # PT4494A
Description  100-W 20-A Programmable Isolated DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4494A Datasheet(HTML) 3 Page - Texas Instruments

  PT4494A Datasheet HTML 1Page - Texas Instruments PT4494A Datasheet HTML 2Page - Texas Instruments PT4494A Datasheet HTML 3Page - Texas Instruments PT4494A Datasheet HTML 4Page - Texas Instruments PT4494A Datasheet HTML 5Page - Texas Instruments PT4494A Datasheet HTML 6Page - Texas Instruments PT4494A Datasheet HTML 7Page - Texas Instruments PT4494A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Typical Characteristics
PT4474—24V
100-W 20-A Programmable
Isolated DC/DC Converter
Stand Alone, No Heatsink
Safe Operating Area, Vin =24V (See Note B)
20
30
40
50
60
70
80
90
0
4
8
12
16
20
Iout (A)
300LFM
200LFM
100LFM
Nat conv
Airflow
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Performance Characteristics, Vo =5V (See Note A)
50
60
70
80
90
100
0
4
8
12
16
20
Iout (A)
18.0V
24.0V
36.0V
VIN
0
20
40
60
80
100
0
4
8
12
16
20
Iout (A)
18.0V
24.0V
36.0V
VIN
0
2
4
6
8
10
12
14
04
8
12
16
20
Iout (A)
18.0V
24.0V
36.0V
VIN


Similar Part No. - PT4494A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4493 TI-PT4493 Datasheet
195Kb / 8P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4493A TI-PT4493A Datasheet
195Kb / 8P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4493C TI-PT4493C Datasheet
195Kb / 8P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4493N TI-PT4493N Datasheet
195Kb / 8P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4495 TI-PT4495 Datasheet
112Kb / 4P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
More results

Similar Description - PT4494A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4484 TI-PT4484 Datasheet
151Kb / 7P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4473 TI-PT4473 Datasheet
174Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4452 TI-PT4452 Datasheet
112Kb / 4P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4481 TI-PT4481 Datasheet
177Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4475 TI-PT4475 Datasheet
436Kb / 6P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4472 TI-PT4472 Datasheet
154Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4441 TI-PT4441 Datasheet
156Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4476 TI-PT4476 Datasheet
195Kb / 8P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4486 TI-PT4486 Datasheet
208Kb / 9P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4471 TI-PT4471 Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com