Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4493 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4493
Description  100-W 8.5-A Programmable Isolated DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4493 Datasheet(HTML) 1 Page - Texas Instruments

  PT4493 Datasheet HTML 1Page - Texas Instruments PT4493 Datasheet HTML 2Page - Texas Instruments PT4493 Datasheet HTML 3Page - Texas Instruments PT4493 Datasheet HTML 4Page - Texas Instruments PT4493 Datasheet HTML 5Page - Texas Instruments PT4493 Datasheet HTML 6Page - Texas Instruments PT4493 Datasheet HTML 7Page - Texas Instruments PT4493 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
Features
18V to 36V Input Voltage Range
Programmable Output Voltage
Range: 6.5V to 17.5V
-40° to +85°C Ambient
1500 VDC Isolation
89% Efficiency
On/Off Inhibit
Differential Remote Sense
17A Output with PT4493
SLTS129B
(Revised 6/21/2002)
Description
The PT4476 Excalibur™ DC/DC
converter module combines state-of-the-
art power conversion technology with
un-paralleled flexibility. Incorporating
high efficiency and ultra-fast transient
response, these modules provide up to
8.5A of output current over the program-
mable voltage range of 6.5V to 17.5V.
The modules include a number of
inbuilt features to facilitate system
integration. These include a foldback
output current limit, over-temperature
protection, and an inhibit on/off control.
A differential remote sense is also provided
to compensate for voltage drop between
the converter and load.
For additional output current, one
PT4476 may be operated with up to two
PT4493 compatible booster modules.
Each PT4493 adds an additional 8.5A of
output current capability.
Over-Current Protection
Over-Temperature Protection
Over-Voltage Protection
Space-Saving Package
Solderable Copper Case
Safety Approvals:
UL 60950
CSA 22.2 950
VDE EN60950 Pending
L
O
A
D
PT4476
+V
sns
+V
out
-V
out
-V
sns
7
8-13
14-19
20
25
22
24
23
VID0 - VID4
+V
in
–V
in
1
2
3
Inhibit
C
1
+
PROGRAMMING PINS
+V
OUT
+V
IN
–V
IN
–V
OUT
C
o
+
21
C
2
•Co = Optional 33µF electrolytic capacitor
•C1 = Optional 33µF, 50V electrolytic capacitor
•C2 = Optional 1µF, 50V ceramic capacitor
• Programming pins, VID0–VID4, are shown
configured for Vo =12V
• For normal operation, pin 3 (Inhibit) must be
connected to –Vin.
Ordering Information
PT4476
o = 6.5 to 17.5 Volts
PT4493
o = 8.5-A Booster
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code *
Vertical
N
(EKD)
Horizontal
A
(EKA)
SMD
C
(EKC)
* Previously known as package styles 1200,
1210, and 1215.
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)
Pin-Out Information
Pin
Function
1+Vin
2–Vin
3
Inhibit
4Vr
5Va
6
Do not connect
7
(+)Remote Sense
8+Vout
9+Vout
10 +Vout
11 +Vout
12 +Vout
13 +Vout
Pin
Function
14
–Vout
15
–Vout
16
–Vout
17
–Vout
18
–Vout
19
–Vout
20
(–)Remote Sense
21
VID0
22
VID1
23
VID2
24
VID3
25
VID4
26
DRV †
PT4476—24V
100-W 8.5-A Programmable
Isolated DC/DC Converter
† Pins 4, 5, & 26 are used for booster applications. For
stand-alone operation, leave open circuit.
• Shaded functions indicate those pins that are
referenced to primary-side potential.


Similar Part No. - PT4493

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4494 TI-PT4494 Datasheet
172Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4494A TI-PT4494A Datasheet
172Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4494C TI-PT4494C Datasheet
172Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4494N TI-PT4494N Datasheet
172Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4495 TI-PT4495 Datasheet
112Kb / 4P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
More results

Similar Description - PT4493

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4475 TI-PT4475 Datasheet
436Kb / 6P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4486 TI-PT4486 Datasheet
208Kb / 9P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4484 TI-PT4484 Datasheet
151Kb / 7P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4452 TI-PT4452 Datasheet
112Kb / 4P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4473 TI-PT4473 Datasheet
174Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4481 TI-PT4481 Datasheet
177Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4472 TI-PT4472 Datasheet
154Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4441 TI-PT4441 Datasheet
156Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4474 TI-PT4474 Datasheet
172Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4471 TI-PT4471 Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com