Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN3341 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PTN3341
Description  High speed differential line driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PTN3341 Datasheet(HTML) 3 Page - NXP Semiconductors

  PTN3341 Datasheet HTML 1Page - NXP Semiconductors PTN3341 Datasheet HTML 2Page - NXP Semiconductors PTN3341 Datasheet HTML 3Page - NXP Semiconductors PTN3341 Datasheet HTML 4Page - NXP Semiconductors PTN3341 Datasheet HTML 5Page - NXP Semiconductors PTN3341 Datasheet HTML 6Page - NXP Semiconductors PTN3341 Datasheet HTML 7Page - NXP Semiconductors PTN3341 Datasheet HTML 8Page - NXP Semiconductors PTN3341 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
PTN3341
High speed differential line driver
Product data
Rev. 01 — 6 August 2002
3 of 14
9397 750 08483
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
TSSOP16 pin configuration.
Fig 3.
SO16 pin configuration.
002aaa078
1
2
3
4
5
6
7
8
1A
1Y
1Z
G
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
G
3Z
3Y
3A
16
15
14
13
12
11
10
9
002aaa079
1
2
3
4
5
6
7
8
1A
1Y
1Z
G
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
G
3Z
3Y
3A
16
15
14
13
12
11
10
9
Table 2:
Pin description
Symbol
Pin
Description
1A
1
LVTTL input
1Y
2
LVDS non-inverting output
1Z
3
LVDS inverting output
G
4
Enable (active-HIGH)
2Z
5
LVDS inverting output
2Y
6
LVDS non-inverting output
2A
7
LVTTL input
GND
8
Ground
3A
9
LVTTL input
3Y
10
LVDS non-inverting output
3Z
11
LVDS inverting output
G
12
Enable (active-LOW)
4Z
13
LVDS inverting output
4Y
14
LVDS non-inverting output
4A
15
LVTTL input
VCC
16
Supply


Similar Part No. - PTN3341

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3342 PHILIPS-PTN3342 Datasheet
91Kb / 16P
   High speed differential line receiver
Rev. 01-05 January 2004
PTN3342D PHILIPS-PTN3342D Datasheet
91Kb / 16P
   High speed differential line receiver
Rev. 01-05 January 2004
PTN3342DH PHILIPS-PTN3342DH Datasheet
91Kb / 16P
   High speed differential line receiver
Rev. 01-05 January 2004
More results

Similar Description - PTN3341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN55LVDS31-SP TI1-SN55LVDS31-SP Datasheet
229Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31-EP TI1-SN65LVDS31-EP Datasheet
203Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI1-SN65LVDM31_08 Datasheet
133Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3331 PHILIPS-PTN3331 Datasheet
228Kb / 14P
   High speed differential line driver
Rev. 01-06 August 2002
logo
Texas Instruments
SN65LVDS31-EP TI1-SN65LVDS31-EP_15 Datasheet
231Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C TI-UA9638C Datasheet
78Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS1_091 TI-SN65LVDS1_091 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
UA9638C-EP TI1-UA9638C-EP Datasheet
517Kb / 10P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com