Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100E445 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100E445
Description  4-BIT SERIAL/ PARALLEL CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E445 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100E445 Datasheet HTML 1Page - ON Semiconductor MC100E445 Datasheet HTML 2Page - ON Semiconductor MC100E445 Datasheet HTML 3Page - ON Semiconductor MC100E445 Datasheet HTML 4Page - ON Semiconductor MC100E445 Datasheet HTML 5Page - ON Semiconductor MC100E445 Datasheet HTML 6Page - ON Semiconductor MC100E445 Datasheet HTML 7Page - ON Semiconductor MC100E445 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VCCO
NC
MODE
SINA
SINA
Q3
VCCO
CL/4
CL/4
VCCO
CL/8
CL/8
SOUT
SOUT
VCC
Q0
Q1
VCCO
Q2
SINB
SINB
SEL
VEE
CLK
CLK
VBB
18
17
16
15
14
13
12
19
20
21
22
23
24
25
11
10
9
8
7
6
5
26
27
28
1
2
3
4
Figure 1. 28–Lead Pinout
(Top View)
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 3
© Motorola, Inc. 1997
8/97
4Bit Serial/Parallel Converter
The MC10/100E445 is an integrated 4-bit serial to parallel data
converter. The device is designed to operate for NRZ data rates of up to
2.0Gb/s. The chip generates a divide by 4 and a divide by 8 clock for both
4-bit conversion and a two chip 8-bit conversion function. The conversion
sequence was chosen to convert the first serial bit to Q0, the second to
Q1 etc.
On-Chip Clock ÷4 and ÷8
2.0Gb/s Data Rate Capability
Differential Clock and Serial Inputs
VBB Output for Single-Ended Input Applications
Asynchronous Data Synchronization
Mode Select to Expand to 8-Bits
Internal 75kΩ Input Pulldown Resistors
Extended 100E VEE Range of –4.2V to –5.46V
Two selectable serial inputs provide a loopback capability for testing
purposes when the device is used in conjunction with the E446 parallel to
serial converter.
The start bit for conversion can be moved using the SYNC input. A
single pulse applied asynchronously for at least two input clock cycles
shifts the start bit for conversion from Qn to Qn–1. For each additional
shift required an additional pulse must be applied to the SYNC input.
Asserting the SYNC input will force the internal clock dividers to “swallow”
a clock pulse, effectively shifting a bit from the Qn to the Qn–1 output (see
Timing Diagram B).
The MODE input is used to select the conversion mode of the device. With the MODE input LOW, or open, the device will
function as a 4-bit converter. When the mode input is driven HIGH the data on the output will change on every eighth clock cycle
thus allowing for an 8-bit conversion scheme using two E445’s. When cascaded in an 8-bit conversion scheme the devices will
not operate at the 2.0Gb/s data rate of a single device. Refer to the applications section of this data sheet for more information on
cascading the E445.
For lower data rate applications a VBB reference voltage is supplied for single-ended inputs. When operating at clock rates
above 500MHz differential input signals are recommended. For single-ended inputs the VBB pin is tied to the inverting differential
input and bypassed via a 0.01
µF capacitor. The VBB provides the switching reference for the input differential amplifier. The VBB
can also be used to AC couple an input signal, for more information on AC coupling refer to the interfacing section of the design
guide in the ECLinPS
™ data book.
Upon power-up the internal flip-flops will attain a random state. To synchronize multiple E445’s in a system the master reset
must be asserted.
PIN NAMES
Pin
Function
SINA, SINA
SINB, SINB
SEL
Q0–Q3
CLK, CLK
CL/4, CL/4
CL/8, CL/8
MODE
SYNCH
Differential Serial Data Input A
Differential Serial Data Input B
Serial Input Selector Pin
Parallel Data Outputs
Differential Clock Inputs
Differential
÷4 Clock Output
Differential
÷8 Clock Output
Conversion Mode 4-Bit/8-Bit
Conversion Synchronizing Input
FUNCTION TABLES
Mode
Conversion
SEL
Serial Input
L
H
4-Bit
8-Bit
H
L
A
B
MC10E445
MC100E445
4-BIT SERIAL/
PARALLEL CONVERTER
FN SUFFIX
PLASTIC PACKAGE
CASE 776-02


Similar Part No. - MC100E445

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E445 ONSEMI-MC100E445 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC100E445FN ONSEMI-MC100E445FN Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC100E445FNG ONSEMI-MC100E445FNG Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC100E445FNR2 ONSEMI-MC100E445FNR2 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC100E445FNR2G ONSEMI-MC100E445FNR2G Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
More results

Similar Description - MC100E445

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
   4-bit serial / parallel converter
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446 Datasheet
125Kb / 6P
   4-BIT PARALLEL/ SERIAL CONVERTER
1996 REV 2
logo
Micrel Semiconductor
SY10E445 MICREL-SY10E445 Datasheet
92Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446 Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
SY10E445 MICREL-SY10E445_06 Datasheet
83Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446_06 Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
logo
New Japan Radio
NJU3754 NJRC-NJU3754 Datasheet
99Kb / 6P
   11-BIT PARALLEL TO SERIAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com