Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P451SP Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM78P451SP
Description  8-Bit Microcontroller with OTP ROM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SP Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM78P451SP Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
4
Product Specification (V1.0) 06.01.2004
(This specification is subject to change without further notice)
4
FUNCTION DESCRIPTION
IOC5
R5
P
5
0
P
5
1
P
5
2
P
5
3
P
5
4
P
5
5
P
5
6
P
5
7
IOC6
R6
P
6
0
P
6
1
P
6
2
P
6
3
P
6
4
P
6
5
P
6
6
P
6
7
IOC7
R7
P
7
0
P
7
1
P
7
2
IOC8
R8
P
8
0
P
8
1
P
8
2
P
8
3
P
8
4
P
8
5
P
8
6
P
8
7
IOC9
R9
P
9
0
P
5
5
/
/
S
S
SPI
ENGIN
TMR1
ACC
R3
STACK 1
STACK 2
STACK 3
STACK 4
STACK 5
P C
ROM
Instruction
Register
Instruction
Decoder
ALU
Interrupt
Control
/INT
R4
RAM
WDT Timer
Prescaler
Oscillator/
Timming
Control
WDT
Time-out
R1(TCC)
Sleep
&
Wake Up
Control
DATA & CONTROL BUS
P
9
4
/
S
C
K
P
9
3
/
S
D
O
P
9
2
/
S
D
I
P
9
1
Fig. 2 Functional Block Diagram
4.1 Operational Registers
4.1.1 R0 (Indirect Address Register)
R0 is not a physically implemented register. It is used as an indirect addressing
pointer. Any instruction using R0 as register actually accesses data pointed by the
RAM Select Register (R4).
4.1.2 R1 (TCC)
Increased by the instruction cycle clock.
Written and read by program as any other register.
4.1.3 R2 (Program Counter) & Stack
R2 and the hardware stacks are 12 bits wide.
The structure is depicted in Fig. 3.
Generates 4K
× 13 on-chip ROM addresses to the relative programming instruction
codes. One program page is 1024 words long.
All the R2 bits are set to "1"s as a RESET condition occurs.


Similar Part No. - EM78P451SP

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P451 EMC-EM78P451 Datasheet
399Kb / 54P
   8-Bit Microcontroller with OTP ROM
EM78P451AQ EMC-EM78P451AQ Datasheet
399Kb / 54P
   8-Bit Microcontroller with OTP ROM
EM78P451P EMC-EM78P451P Datasheet
399Kb / 54P
   8-Bit Microcontroller with OTP ROM
EM78P451WM EMC-EM78P451WM Datasheet
399Kb / 54P
   8-Bit Microcontroller with OTP ROM
More results

Similar Description - EM78P451SP

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
   8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
   8-Bit Microcontroller with OTP ROM
EM78P163N EMC-EM78P163N Datasheet
700Kb / 82P
   8-Bit Microcontroller with OTP ROM
EM78P176N EMC-EM78P176N Datasheet
1Mb / 64P
   8-Bit Microcontroller with OTP ROM
EM78P153B EMC-EM78P153B Datasheet
1Mb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P372N EMC-EM78P372N Datasheet
3Mb / 126P
   8-Bit Microcontroller with OTP ROM
EM78P159N EMC-EM78P159N Datasheet
453Kb / 48P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com