Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P447NAS Datasheet(PDF) 30 Page - ELAN Microelectronics Corp

Part # EM78P447NAS
Description  8-BIT MICRO-CONTROLLER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447NAS Datasheet(HTML) 30 Page - ELAN Microelectronics Corp

Back Button EM78P447NAS Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P447NAS Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P447NAS Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P447NAS Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P447NAS Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P447NAS Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P447NAS Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P447NAS Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P447NAS Datasheet HTML 34Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
EM78P447N
OTP ROM
4.10 External Power On Reset Circuit
The circuit shown in Fig.16 implements an external RC to produce the reset pulse. The pulse width
(time constant) should be kept long enough for Vdd to reached minimum operation voltage. This circuit
is used when the power supply has slow rise time. Because the current leakage from the /RESET pin is
about
±5µA, it is recommended that R should not be greater than 40 K. In this way, the /RESET pin
voltage is held below 0.2V. The diode (D) acts as a short circuit at the moment of power down. The
capacitor C will discharge rapidly and fully. Rin, the current-limited resistor, will prevent high current or
ESD (electrostatic discharge) from flowing to pin /RESET.
EM78P447N
/RESET
Vdd
D
R
Rin
C
Fig. 13 External Power-Up Reset Circuit
This specification is subject to change without prior notice.
10.21.2004 (V1.0)
30


Similar Part No. - EM78P447NAS

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P447 EMC-EM78P447 Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
EM78P447S EMC-EM78P447S Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
EM78P447SA EMC-EM78P447SA Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
EM78P447SAM EMC-EM78P447SAM Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
EM78P447SAP EMC-EM78P447SAP Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P447NAS

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com