Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P447N Datasheet(PDF) 18 Page - ELAN Microelectronics Corp

Part # EM78P447N
Description  8-BIT MICRO-CONTROLLER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447N Datasheet(HTML) 18 Page - ELAN Microelectronics Corp

Back Button EM78P447N Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P447N Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P447N Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P447N Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P447N Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P447N Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P447N Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P447N Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P447N Datasheet HTML 22Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
EM78P447N
OTP ROM
4.5 RESET and Wake-up
1. RESET
A RESET is initiated by one of the following events-
(1) Power on reset, or
(2) /RESET pin input “low”, or
(3) WDT timeout. (if enabled)
The device is kept in a RESET condition for a period of approx. 18ms
1 (one oscillator start-up timer
period) after the reset is detected. Once the RESET occurs, the following functions are performed (refer
to Fig.8).
• The oscillator starts or is running
• The Program Counter (R2) is set to all "1".
• When power is switched on, bits 5~6 of R3 and the upper 2 bits of R4 are cleared.
• All I/O port pins are configured as input mode (high-impedance state).
• The Watchdog timer and prescaler are cleared.
• Upon power on, the bits 5~6 of R3 are cleared.
• Upon power on, the upper 2 bits of R4 are cleared.
• The bits of CONT register are set to all "1" except bit 6 (INT flag).
• IOCB register is set to ”1” (disable P60 ~ P67 wake-up function).
• Bits 3 and 6 of IOCE register are cleared, and Bits 0, 4, and 5 are set to "1".
• Bits 0 and 3 of R3F register and Bits 0 and 3 of IOCF registers are cleared.
The sleep (power down) mode is asserted by executing the “SLEP” instruction. While entering sleep
mode, WDT (if enabled) is cleared but keeps on running. The controller can be awakened by-
(1) External reset input on /RESET pin;
(2) WDT time-out (if enabled)
1 NOTE: Vdd = 5V, set up time period = 16.2ms ± 30%
Vdd = 3V, set up time period = 19.6ms ± 30%
This specification is subject to change without prior notice.
10.21.2004 (V1.0)
18


Similar Part No. - EM78P447N

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P447 EMC-EM78P447 Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
EM78P447S EMC-EM78P447S Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
EM78P447SA EMC-EM78P447SA Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
EM78P447SAM EMC-EM78P447SAM Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
EM78P447SAP EMC-EM78P447SAP Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P447N

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com