Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV12816-15TI Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part # IS61LV12816-15TI
Description  128K x 16 HIGH-SPEED CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV12816-15TI Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IS61LV12816-15TI Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61LV12816-15TI Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61LV12816-15TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61LV12816-15TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61LV12816-15TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61LV12816-15TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61LV12816-15TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61LV12816-15TI Datasheet HTML 8Page - Integrated Circuit Solution Inc IS61LV12816-15TI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IS61LV12816
Integrated Circuit Solution, Inc.
3
SR023_0C

!
"
#
$
%
&
'



ABSOLUTE MAXIMUM RATINGS(1)
Symbol Parameter
Value
Unit
VCC
Power Supply Voltage Relative to GND
–0.5 to 4.0
V
VTERM
Terminal Voltage with Respect to GND –0.5 to Vcc+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
TBIAS
Temperature Under Bias:
Com.
–65 to +85
°C
Ind.
–45 to +90
°C
PT
Power Dissipation
2.0
W
IOUT
DC Output Current (LOW)
+20
mA
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
—
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
—
0.4
V
VIH
Input HIGH Voltage
2
VCC + 0.3
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND ≤ VIN ≤ VCC
Com.
–1
1
µA
Ind.
–5
5
µA
ILO
Output Leakage
GND ≤ VOUT ≤ VCC,
Com.
–1
1
µA
Outputs Disabled
Ind.
–5
5
µA
Notes:
1. VIL (min.) = –2.0V for pulse width less than 10 ns.
2. The Vcc operating range for 8 ns is 3.3V +10%, -5%.
PIN DESCRIPTIONS
A0-A16
Address Inputs
I/O0-I/O15
Data Inputs/Outputs
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
LB
Lower-byte Control (I/O0-I/O7)
UB
Upper-byte Control (I/O8-I/O15)
NC
No Connection
Vcc
Power
GND
Ground
OPERATING RANGE
Range
Ambient Temperature
Vcc
Commercial
0°C to +70°C
3.3V ± 10%
Industrial
–40°C to +85°C
3.3V ± 10%


Similar Part No. - IS61LV12816-15TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV12816-15TI ISSI-IS61LV12816-15TI Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12816-15TI ISSI-IS61LV12816-15TI Datasheet
59Kb / 12P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV12816-15TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV12816BLL ISSI-IS61WV12816BLL Datasheet
120Kb / 5P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C12816 ISSI-IS61C12816 Datasheet
102Kb / 8P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26020A WINBOND-W26020A Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61WV12816DALL ISSI-IS61WV12816DALL_11 Datasheet
201Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816DALL ISSI-IS61WV12816DALL Datasheet
272Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
62LV12816 ISSI-62LV12816 Datasheet
83Kb / 9P
   128K x 16 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1011 PYRAMID-P3C1011 Datasheet
110Kb / 10P
   HIGH SPEED 128K x 16 (2 MEG) STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com