Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1300B Datasheet(PDF) 5 Page - New Japan Radio

Part # NJW1300B
Description  SIGNAL PROCESSOR FOR COLOR TFT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1300B Datasheet(HTML) 5 Page - New Japan Radio

  NJW1300B Datasheet HTML 1Page - New Japan Radio NJW1300B Datasheet HTML 2Page - New Japan Radio NJW1300B Datasheet HTML 3Page - New Japan Radio NJW1300B Datasheet HTML 4Page - New Japan Radio NJW1300B Datasheet HTML 5Page - New Japan Radio NJW1300B Datasheet HTML 6Page - New Japan Radio NJW1300B Datasheet HTML 7Page - New Japan Radio NJW1300B Datasheet HTML 8Page - New Japan Radio NJW1300B Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Ver.5
-5 -
NJW1300B
s
s
s
s ELECTRICAL CHARACTERISTICS (Ta=25
°°°°C,Vcc1=5V,Vcc2=5V,Vcc3=7V,V
DD=5V,VEE1=-5V,
V1=V4=V34=V45=2.5V,V21=V28=V60=0V,V13=2.9V,V14=2.7V,V38=1V,V39=3V)
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX
UNIT
GA3
-
0
2.0
dB
ACC
Characteristic
(PAL)
GA4
V46=5V,V14=0V,SG6 (4.43MHz, 0dB,
+6dB, -25dB) applied to V9, SG2 applied
to V60.
Measure the amplitude on V18 at 0dB,
+6dB, -25dB. Define the each value as A,
B, and C.
GA3 = 20log(B / A)
GA4 = 20log(C / A)
-12.5
-7.5
-
dB
Gc1
-
-30.0
-20.0
dB
Color Control
Gain Variable
Range
Gc2
V46=5V, SG6 applied to V9, SG2 applied
to V60. Define the each chroma amplitude
at V14=0V,2.9V and 5V as A, B and C.
Gc1 = 20log(A / B)
Gc2 = 20log(C / B)
0.7
2.7
-
dB
fA1
-
-2900
-700
Hz
APC Capture
Range
(NTSC)
fA2
SG6 (3.58MHz, 0dB) applied to V9,
V46=5V, SG2 applied to V60. Adjust the
BURST frequency until the voltage on V12
is 2V. Work out difference between the
frequency at that time and 3.579545MHz.
fA1 = when approach BURST frequency
from low frequency.
fA2 = when approach BURST frequency
from high frequency
+700
+1500
-
Hz
fA3
-
-2500
-600
Hz
APC Capture
Range
(PAL)
fA4
SG6 (4.43MHz, 0dB) applied to V9,
V46=5V, Variable the BURST frequency
until the voltage on V12 is 2V. Work out
the difference between the frequency at
that time and 4.433619MHz.
fA3 = when approach BURST frequency
from low frequency
fA4 = when approach BURST frequency
from high frequency
+600
+1700
-
Hz
θ
T1
-30
-60
-
deg
TINT Variable
Range
θ
T2
SG6 applied to V9, SG2 applied to V60.
Define the phase causing the maximum
amplitude at V14=1.8V on Gout as A.
Define the each phase causing the
maximum amplitude at V14=2.7V, 3.6V
on Gout as B and C.
θ
T1 = A-B
θ
T2 = C-B
-
+60
+30
deg
NTSC /PAL
Switching
Voltage
VTHNP
Switch voltage of V14.
0.4
0.7
1.0
V
Color Killer
Operating Input
Level(NTSC)
VKIN1
SG2 applied V60, SG6 (NTSC) applied to
V9. Decrease the input amplitude until the
killer is turned on, and measure the input
attenuation.
-
-42
-37
dB
Color Killer
Operating Input
Level (PAL)
VKIN2
SG2 applied V60, SG6 (PAL) applied to
V9. Decrease the input amplitude until the
killer is turned on, and measure the input
attenuation.
-
-38
-32
dB


Similar Part No. - NJW1300B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1300A NJRC-NJW1300A Datasheet
578Kb / 13P
   SIGNAL PROCESSOR FOR COLOR TV
NJW1300AFG1 NJRC-NJW1300AFG1 Datasheet
578Kb / 13P
   SIGNAL PROCESSOR FOR COLOR TV
More results

Similar Description - NJW1300B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2527 NJRC-NJM2527 Datasheet
301Kb / 34P
   COLOR TFT SIGNAL PROCESSOR
logo
List of Unclassifed Man...
NJM2529 ETC1-NJM2529 Datasheet
325Kb / 38P
   COLOR TFT SIGNAL PROCESSOR
logo
New Japan Radio
NJW1301 NJRC-NJW1301 Datasheet
325Kb / 37P
   SIGNAL PROCESSOR FOR COLOR TFT FOR NTSC
logo
Rohm
BA7267F ROHM-BA7267F Datasheet
141Kb / 4P
   Color Signal Processor for APCs
BU2763S ROHM-BU2763S Datasheet
153Kb / 4P
   Color Signal Processor for APCs
logo
New Japan Radio
NJW1300A NJRC-NJW1300A Datasheet
578Kb / 13P
   SIGNAL PROCESSOR FOR COLOR TV
logo
NTE Electronics
NTE1813 NTE-NTE1813 Datasheet
25Kb / 2P
   Integrated Circuit Color Signal Processor for VCR
logo
Sharp Corporation
LR38603 SHARP-LR38603 Datasheet
160Kb / 26P
   Digital Signal Processor for Color CCD Cameras
LR38266 SHARP-LR38266 Datasheet
92Kb / 20P
   Digital Signal Processor for Color CCD Cameras
LR38269 SHARP-LR38269 Datasheet
93Kb / 20P
   Digital Signal Processor for Color CCD Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com