Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV12816-12KI Datasheet(PDF) 10 Page - Integrated Circuit Solution Inc

Part # IS61LV12816-12KI
Description  128K x 16 HIGH-SPEED CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV12816-12KI Datasheet(HTML) 10 Page - Integrated Circuit Solution Inc

Back Button IS61LV12816-12KI Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61LV12816-12KI Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61LV12816-12KI Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61LV12816-12KI Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61LV12816-12KI Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61LV12816-12KI Datasheet HTML 8Page - Integrated Circuit Solution Inc IS61LV12816-12KI Datasheet HTML 9Page - Integrated Circuit Solution Inc IS61LV12816-12KI Datasheet HTML 10Page - Integrated Circuit Solution Inc IS61LV12816-12KI Datasheet HTML 11Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IS61LV12816
10
Integrated Circuit Solution, Inc.
SR023_0C
WRITE CYCLE NO. 4 (1,3)(LB, UB Controlled, Back-to-Back Write)
DATA UNDEFINED
t WC
ADDRESS 1
ADDRESS 2
t WC
HIGH-Z
t PWB
WORD 1
LOW
WORD 2
t HD
t SA
t HZWE
ADDRESS
CE
UB, LB
WE
DOUT
DIN
OE
DATAIN
VALID
t LZWE
t SD
t PWB
DATAIN
VALID
t SD
t HD
t SA
t HA
t HA
Notes:
1. The internal Write time is defined by the overlap of CE = LOW, UB and/or LB = LOW, and WE = LOW. All signals must be
in valid states to initiate a Write, but any can be deasserted to terminate the Write. The
tSA, tHA, tSD, and tHD timing is
referenced to the rising or falling edge of the signal that terminates the Write.
2. Tested with OE HIGH for a minimum of 4 ns before WE = LOW to place the I/O in a HIGH-Z state.
3. WE may be held LOW across many address cycles and the LB, UB pins can be used to control the Write function.


Similar Part No. - IS61LV12816-12KI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV12816-12KI ISSI-IS61LV12816-12KI Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV12816-12KI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV12816BLL ISSI-IS61WV12816BLL Datasheet
120Kb / 5P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C12816 ISSI-IS61C12816 Datasheet
102Kb / 8P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26020A WINBOND-W26020A Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61WV12816DALL ISSI-IS61WV12816DALL_11 Datasheet
201Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816DALL ISSI-IS61WV12816DALL Datasheet
272Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
62LV12816 ISSI-62LV12816 Datasheet
83Kb / 9P
   128K x 16 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1011 PYRAMID-P3C1011 Datasheet
110Kb / 10P
   HIGH SPEED 128K x 16 (2 MEG) STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com