Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P260NM Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM78P260NM
Description  8-Bit Microprocessor with OTP ROM
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P260NM Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM78P260NM Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P260NM Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P260NM Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P260NM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P260NM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P260NM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P260NM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P260NM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P260NM Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
EM78P259N/260N
8-Bit Microprocessor with OTP ROM
2
Product Specification (V1.0) 06.16.2005
(This specification is subject to change without further notice)
Easily-implemented IR (Infrared remote control) application circuit
Power down (SLEEP) mode
Six interrupt sources:
TCC, TCCA, TCCB, and TCCC overflow interrupt
Input-port status change interrupt (wake-up from sleep mode)
External interrupt
Comparators status change interrupt
IR/PWM interrupt
ADC completion interrupt
Programmable free running watchdog timer
8 programmable pull-high I/O pins
8 programmable open-drain I/O pins
8 programmable pull-down I/O pins.
Two or Four clocks per instruction cycle
Package types:
18-pin DIP 300mil : EM78P259NP
18-pin SOP 300mil : EM78P259NM
20-pin DIP 300mil : EM78P260NP
20-pin SOP 300mil : EM78P260NM
20-pin SSOP 209mil : EM78P260NKM
Power-on voltage detector available (2.0V
± 0.1V)
3
Pin Configuration (Package)
3.1
EM78P259NP/M Pin Assignment
P52/ADC2
P53/ADC3
P54/TCC/VREF
/RESET
Vss
P60//INT
P61/TCCA
P62/TCCB
P63/TCCC
P55/OSCI
P70/OSCO
VDD
P67/IR OUT
P65/CIN+
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
P64/CO
10
P66/CIN-
P50/ADC0
P51/ADC1
Fig. 3-1 Pin Assignment – EM78P259NP/M


Similar Part No. - EM78P260NM

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
EM78P211/2N EMC-EM78P211/2N Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
EM78P211NAMJ EMC-EM78P211NAMJ Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
EM78P211NAMS EMC-EM78P211NAMS Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
EM78P211NMJ EMC-EM78P211NMJ Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
More results

Similar Description - EM78P260NM

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P330 EMC-EM78P330 Datasheet
1,020Kb / 112P
   8-Bit Microprocessor with OTP ROM
EM78P510N EMC-EM78P510N Datasheet
2Mb / 116P
   8-Bit Microprocessor with OTP ROM
EM78P528N EMC-EM78P528N Datasheet
4Mb / 164P
   8-Bit Microprocessor with OTP ROM
EM78P258N EMC-EM78P258N Datasheet
1Mb / 81P
   8-Bit Microprocessor with OTP ROM
EM78P520N EMC-EM78P520N Datasheet
3Mb / 124P
   8-Bit Microprocessor with OTP ROM
EM78P342N EMC-EM78P342N Datasheet
3Mb / 118P
   8-Bit Microprocessor with OTP ROM
EM78P417N EMC-EM78P417N Datasheet
1Mb / 84P
   8-Bit Microprocessor with OTP ROM
EM78P350N EMC-EM78P350N Datasheet
1Mb / 110P
   8-Bit Microprocessor with OTP ROM
EM78P341 EMC-EM78P341 Datasheet
1Mb / 102P
   8-Bit Microprocessor with OTP ROM
EM78P142 EMC-EM78P142 Datasheet
905Kb / 96P
   8-Bit Microprocessor with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com