Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2499-DIGIO Datasheet(PDF) 6 Page - TEKTRONIX, INC.

Part # 2499-DIGIO
Description  Series 2400 SourceMeter SMU Instruments
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2499-DIGIO Datasheet(HTML) 6 Page - TEKTRONIX, INC.

Back Button 2499-DIGIO Datasheet HTML 2Page - TEKTRONIX, INC. 2499-DIGIO Datasheet HTML 3Page - TEKTRONIX, INC. 2499-DIGIO Datasheet HTML 4Page - TEKTRONIX, INC. 2499-DIGIO Datasheet HTML 5Page - TEKTRONIX, INC. 2499-DIGIO Datasheet HTML 6Page - TEKTRONIX, INC. 2499-DIGIO Datasheet HTML 7Page - TEKTRONIX, INC. 2499-DIGIO Datasheet HTML 8Page - TEKTRONIX, INC. 2499-DIGIO Datasheet HTML 9Page - TEKTRONIX, INC. 2499-DIGIO Datasheet HTML 10Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Datasheet
TEK.COM
6
Series 2400 SourceMeter® SMU Instruments
Current Accuracy (Local or Remote Sense)
Model
Range
Programming
Resolution
Source 1, 3
Accuracy
(1 Year)
23°C ±5°C
±(% rdg. + amps)
Default
Measurement
Resolution
Measurement 5, 6, 7
Accuracy (1 Year)
23°C ±5°C
±(% rdg. + amps)
Source/Sink
Limit
2400, 2401
1.00000 µA
50 pA
0.035% + 600 pA
10 pA
0.029% + 300 pA
±1.05A @ ±21 V
±105 mA @
±210 V8
10.0000 µA
500 pA
0.033% + 2 nA
100 pA
0.027% + 700 pA
100.000 µA
5 nA
0.031% + 20 nA
1 nA
0.025% + 6 nA
1.00000 mA
50 nA
0.034% + 200 nA
10 nA
0.027% + 60 nA
10.0000 mA
500 nA
0.045% + 2 µA
100 nA
0.035% + 600 nA
100.000 mA
5 µA
0.066% + 20 µA
1 µA
0.055% + 6 µA
1.00000 A2
50 µA
0.27 % + 900 µA
10 µA
0.22 % + 570 µA
2410
1.00000 µA
50 pA
0.035% + 600 pA
10 pA
0.029% + 300 pA
±1.05A @ ±21 V
±21 mA @ ±1100
V
10.0000 µA
500 pA
0.033% + 2 nA
100 pA
0.027% + 700 pA
100.000 µA
5 nA
0.031% + 20 nA
1 nA
0.025% + 6 nA
1.00000 mA
50 nA
0.034% + 200 nA
10 nA
0.027% + 60 nA
20.0000 mA
500 nA
0.045% + 4 µA
100 nA
0.035% + 1.2 µA
100.000 mA
5 µA
0.066% + 20 µA
1 µA
0.055% + 6 µA
1.00000 A2
50 µA
0.27 % + 900 µA
10 µA
0.22 % + 570 µA
2420
10.0000 µA
500 pA
0.033% + 2 nA
100 pA
0.027% + 700 pA
±3.15A @ ±21 V
±1.05 A @ ±63 V
100.000 µA
5 nA
0.031% + 20 nA
1 nA
0.025% + 6 nA
1.00000 mA
50 nA
0.034% + 200 nA
10 nA
0.027% + 60 nA
10.0000 mA
500 nA
0.045% + 2 µA
100 nA
0.035% + 600 nA
100.000 mA
5 µA
0.066% + 20 µA
1 µA
0.055% + 6 µA
1.00000 A2
50 µA
0.067% + 900 µA
10 µA
0.066% + 570 µA
3.00000 A2
50 µA
0.059% + 2.7 mA
10 µA
0.052% + 1.71 mA
2440
10.0000 µA
500 pA
0.033% + 2 nA
100 pA
0.027% + 700 pA
±5.25A @ ±10.5 V
±1.05 A @ ±42 V
100.000 µA
5 nA
0.031% + 20 nA
1 nA
0.025% + 6 nA
1.00000 mA
50 nA
0.034% + 200 nA
10 nA
0.027% + 60 nA
10.0000 mA
500 nA
0.045% + 2 µA
100 nA
0.035% + 600 nA
100.000 mA
5 µA
0.066% + 20 µA
1 µA
0.055% + 6 µA
1.00000 A
50 µA
0.067% + 900 µA
10 µA
0.060% + 570 µA
5.00000 A
50 µA
0.10 % + 5.4 mA
10 µA
0.10 % + 3.42 mA
NOTES
1. 2400, 2401, 2410 Only: Specifications valid for continuous output currents below 105 mA. For operation above 105 mA continuous for >1 minute, derate accuracy 10%/35 mA above
105 mA.
2. Full operation (1 A) regardless of load to 30°C (50°C for 2420 and 2440). Above 30°C (50°C for 2420 and 2440) ambient, derate 35 mA/°C and prorate 35 mA/Ω load. 4-wire mode. For
current sink operation on 1 A, 3 A, or 5 A ranges, maximum continuous power is limited to approximately 1/2 rated power or less, depending on current, up to 30°C ambient. See power
equations in the User’s Manual to calculate allowable duty cycle for specific conditions.
3. For sink mode, 1 µA to 100 mA range, accuracy is: 2400, 2401: ±(0.15% + offset*4). 2410, 2420, 2440: ±(0.5% + offset*3).
For 1A range, accuracy is: 2400, 2401: ±(1.5% + offset*8). 2410, 2420, 2440: ±(1.5% + offset*3).
4. 10 A range only in pulse mode. Limited to 2.5 ms pulse width maximum. 10% duty cycle maximum.
5. Speed = Normal (1 PLC). For 0.1 PLC, add 0.005% of range to offset specifications, except 200 mV, 1 A, 10 A ranges, add 0.05%. For 0.01 PLC, add 0.05% of range to offset
specifications, except 200 mV, 1 A, 10 A ranges, add 0.5%.
6. Accuracies apply to 2- or 4-wire mode when properly zeroed.
7. In pulse mode, limited to 0.1 PLC measurement.
8. 2400 only.
Temperature Coefficient (0°–18°C and 28°–50°C)
±(0.15 × accuracy specification)/°C.
Current Regulation
Line: 0.01% of range. Load: 0.01% of range (except 2440 5 A range 0.05%) + 100 pA.
Voltage Limit
Bipolar voltage limit (compliance) set with single value. Min. 0.1% of range.
Overshoot
<0.1% typical (1 mA step, RL = 10 kΩ, 20 V range for 2400, 2401, 2410, 2420), (10 V range for 2440).


Similar Part No. - 2499-DIGIO

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
24998113 TOSHIBA-24998113 Datasheet
1Mb / 35P
   Color Television
2004
24998132 TOSHIBA-24998132 Datasheet
1Mb / 35P
   Color Television
2004
24998152 TOSHIBA-24998152 Datasheet
1Mb / 35P
   Color Television
2004
24998153 TOSHIBA-24998153 Datasheet
1Mb / 35P
   Color Television
2004
24998333 TOSHIBA-24998333 Datasheet
1Mb / 35P
   Color Television
2004
More results

Similar Description - 2499-DIGIO

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
2600B TEKTRONIX-2600B Datasheet
1Mb / 35P
   2600B System SourceMeter SMU Instruments
2600B TEKTRONIX-2600B_V01 Datasheet
2Mb / 36P
   2600B System SourceMeter® SMU Instruments
2022
2606B TEKTRONIX-2606B Datasheet
995Kb / 13P
   2606B System SourceMeter SMU Instrument
2510 TEKTRONIX-2510 Datasheet
307Kb / 4P
   TEC SourceMeter짰 SMU Instrument Autotuning TEC SourceMeter SMU Instrument
2657A TEKTRONIX-2657A Datasheet
548Kb / 4P
   High Power System SourceMeter SMU Instrument
logo
Toshiba Semiconductor
TLP3130 TOSHIBA-TLP3130_07 Datasheet
177Kb / 6P
   MEASUREMENT INSTRUMENTS
TLP199D TOSHIBA-TLP199D Datasheet
137Kb / 4P
   MEASUREMENT INSTRUMENTS
logo
Keysight Technologies
34825A KEYSIGHT-34825A Datasheet
6Mb / 16P
   Basic Instruments
logo
Toshiba Semiconductor
TLP3118 TOSHIBA-TLP3118 Datasheet
168Kb / 6P
   Measurement Instruments
TLP3131 TOSHIBA-TLP3131_07 Datasheet
176Kb / 6P
   MEASUREMENT INSTRUMENTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com