Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5113P-50TSSOP Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT5113P-50TSSOP
Description  100-Tap Digitally Programmable Potentiometer (DPP) with Buffered Wiper
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5113P-50TSSOP Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT5113P-50TSSOP Datasheet HTML 1Page - Catalyst Semiconductor CAT5113P-50TSSOP Datasheet HTML 2Page - Catalyst Semiconductor CAT5113P-50TSSOP Datasheet HTML 3Page - Catalyst Semiconductor CAT5113P-50TSSOP Datasheet HTML 4Page - Catalyst Semiconductor CAT5113P-50TSSOP Datasheet HTML 5Page - Catalyst Semiconductor CAT5113P-50TSSOP Datasheet HTML 6Page - Catalyst Semiconductor CAT5113P-50TSSOP Datasheet HTML 7Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CAT5111
100-Tap Digitally Programmable Potentiometer (DPP™)
with Buffered Wiper
FEATURES
s 100-position linear taper potentiometer
s Non-volatile NVRAM wiper storage;
buffered wiper
s Low power CMOS technology
s Single supply operation: 2.5V-6.0V
s Increment up/down serial interface
s Resistance values: 10k
Ω,
Ω,
Ω,
Ω,
Ω, 50kΩ
Ω and 100kΩ
s Available in PDIP, SOIC, TSSOP and MSOP packages
APPLICATIONS
s Automated product calibration
s Remote control adjustments
s Offset, gain and zero control
s Tamper-proof calibrations
s Contrast, brightness and volume controls
s Motor controls and feedback systems
s Programmable analog functions
system
values
without
effecting
the
stored
setting.
Wiper-control
of
the
CAT5111
is
accomplished with three input control pins,
CS, U/D,
and
INC. The INC input increments the wiper in the
direction which is determined by the logic state of
the U/
D input. The CS input is used to select the
device and also store the wiper position prior to
power down.
The digitally programmable potentiometer can be
used as a buffered voltage divider. For applications
where the potentiometer is used as a 2-terminal variable
resistor, please refer to the CAT5113. The buffered
wiper of the CAT5111 is not compatible with that
application. DPPs bring variability and programmability
to a broad range of applications and are used primarily
to control, regulate or adjust a characteristic or parameter
of an analog circuit.
FUNCTIONAL DIAGRAM
DESCRIPTION
The CAT5111 is a single digitally programmable
potentiometer (DPP™) designed as a electronic
replacement for mechanical potentiometers and trim
pots. Ideal for automated adjustments on high volume
production lines, they are also well suited for
applications where equipment requiring periodic
adjustment is either difficult to access or located in a
hazardous or remote environment.
The CAT5111 contains a 100-tap series resistor array
connected between two terminals RH and RL. An up/
down counter and decoder that are controlled by three
input pins, determines which tap is connected to the
wiper, RWB. The CAT5111 wiper is buffered by an op
amp that operates rail to rail. The wiper setting, stored in
non-volatile NVRAM memory, is not lost when the device
is powered down and is automatically recalled when
power is returned. The wiper can be adjusted to test new
Electronic Potentiometer
Implementation
RH
+
RWB
RL
CS
INC
U
/D
Control
and
Memory
VCC
R
R
R WB
H
L
Power On Recall
GND
+
-
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 2008, Rev. O
1
ALO
GEN FR
TM
LEAD FREE


Similar Part No. - CAT5113P-50TSSOP

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5113P-50TSSOP CATALYST-CAT5113P-50TSSOP Datasheet
452Kb / 9P
   100-Tap Digitally Programmable Potentiometer
More results

Similar Description - CAT5113P-50TSSOP

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5111 CATALYST-CAT5111_08 Datasheet
276Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
CAT5111 CATALYST-CAT5111_07 Datasheet
256Kb / 11P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111 ONSEMI-CAT5111 Datasheet
253Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2008 Rev. S
CAT5112 ONSEMI-CAT5112 Datasheet
208Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2002 Rev. O
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_07 Datasheet
250Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111LI-10-G ONSEMI-CAT5111LI-10-G Datasheet
624Kb / 13P
   100-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2008 Rev. R
CAT5112LI-10-G ONSEMI-CAT5112LI-10-G Datasheet
203Kb / 11P
   32-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2002 Rev. N
CAT5113 ONSEMI-CAT5113 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
CAT5113 CATALYST-CAT5113_08 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com