Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2611B Datasheet(PDF) 32 Page - TEKTRONIX, INC.

Part # 2611B
Description  2600B System SourceMeter SMU Instruments
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2611B Datasheet(HTML) 32 Page - TEKTRONIX, INC.

Back Button 2611B Datasheet HTML 27Page - TEKTRONIX, INC. 2611B Datasheet HTML 28Page - TEKTRONIX, INC. 2611B Datasheet HTML 29Page - TEKTRONIX, INC. 2611B Datasheet HTML 30Page - TEKTRONIX, INC. 2611B Datasheet HTML 31Page - TEKTRONIX, INC. 2611B Datasheet HTML 32Page - TEKTRONIX, INC. 2611B Datasheet HTML 33Page - TEKTRONIX, INC. 2611B Datasheet HTML 34Page - TEKTRONIX, INC. 2611B Datasheet HTML 35Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Datasheet
TEK.COM
32
TIMER
Free running 47-bit counter with 1 MHz clock input. Reset each time instrument powers up. Rolls over
every 4 years.
Timestamp
TIMER value automatically saved when each measurement is triggered.
Resolution
1 µs.
Accuracy
±100 ppm.
Supplied Accessories (All Instruments)
Operators and Programming Manuals
2600-ALG-2
Low Noise Triax Cable with Alligator Clips, 2 m (6.6 ft.) (two supplied with 2634B and 2636B,
one with 2635B)
2600-Kit
Screw Terminal Connector Kit (2601B, 2602B, 2604B, 2611B, 2612B, 2614B)
2600B-800A
Series 2400 Emulation Script for Series 2600B (supplied on USB memory stick)
7709-308A
Digital I/O Connector
CA-180-3A
TSP-Link/Ethernet Cable (two per unit)
TSP Express Software Tool
(embedded)
Test Script Builder Software
(supplied on CD)
LabVIEW Driver
(supplied on CD)
ACS Basic Edition Software
(optional)
Available Accessories (All Instruments)
Software
ACS-BASIC
Component Characterization Software
Rack Mount Kits
4299-1
Single Rack Mount Kit with front and rear support
4299-2
Dual Rack Mount Kit with front and rear support
4299-5
1U Vent Panel
Cables and Connectors
2600-BAN
Banana Test Leads/Adapter Cable. For a single 2601B/2602B/2604B/2611B/2612B/2614B SMU
instrument channel
2600-KIT
Extra screw terminal connector, strain relief, and cover for a single SourceMeter channel (one supplied with
2601B and 2611B, two with 2602B, 2604B, 2612B, 2614B)
2600-FIX-TRX
Phoenix-to-Triax Adapter for 2 wire sensing
2600-TRIAX
Phoenix-to-Triax Adapter for 4 wire sensing
7078-TRX-*
3-Slot, Low Noise Triax Cable, 0.3m–6.1m. For use with 2600-TRIAX Adapter
7078-TRX-GND
3-Slot male triax to BNC adapter (guard removed)
7709-308A
Digital I/O Connector (model specific)
8606
High Performance Modular Probe Kit. For use with 2600B-BAN


Similar Part No. - 2611B

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
2611B TEKTRONIX-2611B Datasheet
2Mb / 36P
   2600B System SourceMeter® SMU Instruments
2022
More results

Similar Description - 2611B

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
2600B TEKTRONIX-2600B_V01 Datasheet
2Mb / 36P
   2600B System SourceMeter® SMU Instruments
2022
2400 TEKTRONIX-2400 Datasheet
481Kb / 12P
   Series 2400 SourceMeter SMU Instruments
2606B TEKTRONIX-2606B Datasheet
995Kb / 13P
   2606B System SourceMeter SMU Instrument
2657A TEKTRONIX-2657A Datasheet
548Kb / 4P
   High Power System SourceMeter SMU Instrument
2510 TEKTRONIX-2510 Datasheet
307Kb / 4P
   TEC SourceMeter짰 SMU Instrument Autotuning TEC SourceMeter SMU Instrument
2651A TEKTRONIX-2651A Datasheet
647Kb / 7P
   50A, High Power System SourceMeter짰 SMU Instrument
logo
Toshiba Semiconductor
TLP3130 TOSHIBA-TLP3130_07 Datasheet
177Kb / 6P
   MEASUREMENT INSTRUMENTS
TLP199D TOSHIBA-TLP199D Datasheet
137Kb / 4P
   MEASUREMENT INSTRUMENTS
logo
Keysight Technologies
34825A KEYSIGHT-34825A Datasheet
6Mb / 16P
   Basic Instruments
logo
Toshiba Semiconductor
TLP3118 TOSHIBA-TLP3118 Datasheet
168Kb / 6P
   Measurement Instruments
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com