Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2611B Datasheet(PDF) 20 Page - TEKTRONIX, INC.

Part # 2611B
Description  2600B System SourceMeter SMU Instruments
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2611B Datasheet(HTML) 20 Page - TEKTRONIX, INC.

Back Button 2611B Datasheet HTML 16Page - TEKTRONIX, INC. 2611B Datasheet HTML 17Page - TEKTRONIX, INC. 2611B Datasheet HTML 18Page - TEKTRONIX, INC. 2611B Datasheet HTML 19Page - TEKTRONIX, INC. 2611B Datasheet HTML 20Page - TEKTRONIX, INC. 2611B Datasheet HTML 21Page - TEKTRONIX, INC. 2611B Datasheet HTML 22Page - TEKTRONIX, INC. 2611B Datasheet HTML 23Page - TEKTRONIX, INC. 2611B Datasheet HTML 24Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Datasheet
TEK.COM
20
Mode Change Delay
100 µA Current Range
Delay into High Capacitance Mode: 10 ms.
and Above
Delay out of High Capacitance Mode: 10 ms.
1 µA and 10 µA
Delay into High Capacitance Mode: 230 ms.
Current Ranges
Delay out of High Capacitance Mode: 10 ms.
Voltmeter Input Impedance
30 G
W in parallel with 3300 pF.
Noise, 10 Hz–20 MHz (20 V Range) <30 mV peak-peak (typical).
Voltage Source Range Change Overshoot (for 20 V range and below)
<400 mV + 0.1% of larger range (typical). Overshoot into a 200 k
W load, 20 MHz BW.
General (2611B, 2612B, 2614B)
IEEE-488
IEEE-488.1 compliant. Supports IEEE-488.2 common commands and status model topology.
USB Control (rear)
USB 2.0 device, TMC488 protocol.
RS-232
Baud rates from 300 bps to 115200 bps.
Ethernet
RJ-45 connector, LXI Class C, 10/100BT, no auto MDIX.
Expansion Interface
The TSP-Link expansion interface allows TSP enabled instruments to trigger and communicate with each
other. (Not available on 2614B.)
Cable Type
Category 5e or higher LAN crossover cable.
Length
3 meters maximum between each TSP enabled instrument.
LXI Compliance
LXI Class C 1.4.
LXI Timing
Total Output Trigger Response Time: 245 µs min., 280 µs typ., (not specified) max.
Receive LAN[0-7] Event Delay: Unknown.
Generate LAN[0-7] Event Delay: Unknown.
Digital I/O Interface
(Not available on Model 2614B)
+5VDC
5.1k
100
Solid State
Fuse
Read by
firmware
Written by
firmware
+5V Pins
(on DIGITAL I/O
connector)
Digital I/O Pi n
(on DIGITAL I/O
connector)
GND Pin
(on DIGITAL I/O
connector)
Rear Panel
Connector
25-pin female D.
Input/Output Pins
14 open drain I/O bits.
Absolute Maximum Input Voltage
5.25 V.
Absolute Minimum Input Voltage
–0.25 V.
Maximum Logic Low Input Voltage
0.7 V, +850 µA max.
Minimum Logic High Input Voltage
2.1 V, +570 µA.
Maximum Source Current (flowing out of Digital I/O bit)
+960 µA.
Maximum Sink Current @ Maximum Logic Low Voltage (0.7V)
–5.0 mA.


Similar Part No. - 2611B

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
2611B TEKTRONIX-2611B Datasheet
2Mb / 36P
   2600B System SourceMeter® SMU Instruments
2022
More results

Similar Description - 2611B

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
2600B TEKTRONIX-2600B_V01 Datasheet
2Mb / 36P
   2600B System SourceMeter® SMU Instruments
2022
2400 TEKTRONIX-2400 Datasheet
481Kb / 12P
   Series 2400 SourceMeter SMU Instruments
2606B TEKTRONIX-2606B Datasheet
995Kb / 13P
   2606B System SourceMeter SMU Instrument
2657A TEKTRONIX-2657A Datasheet
548Kb / 4P
   High Power System SourceMeter SMU Instrument
2510 TEKTRONIX-2510 Datasheet
307Kb / 4P
   TEC SourceMeter짰 SMU Instrument Autotuning TEC SourceMeter SMU Instrument
2651A TEKTRONIX-2651A Datasheet
647Kb / 7P
   50A, High Power System SourceMeter짰 SMU Instrument
logo
Toshiba Semiconductor
TLP3130 TOSHIBA-TLP3130_07 Datasheet
177Kb / 6P
   MEASUREMENT INSTRUMENTS
TLP199D TOSHIBA-TLP199D Datasheet
137Kb / 4P
   MEASUREMENT INSTRUMENTS
logo
Keysight Technologies
34825A KEYSIGHT-34825A Datasheet
6Mb / 16P
   Basic Instruments
logo
Toshiba Semiconductor
TLP3118 TOSHIBA-TLP3118 Datasheet
168Kb / 6P
   Measurement Instruments
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com