Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IS61LV12816 Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part No. IS61LV12816
Description  128K x 16 HIGH-SPEED CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV12816 Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IS61LV12816 Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61LV12816 Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61LV12816 Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61LV12816 Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61LV12816 Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61LV12816 Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61LV12816 Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61LV12816 Datasheet HTML 8Page - Integrated Circuit Solution Inc IS61LV12816 Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IS61LV12816
4
Integrated Circuit Solution, Inc.
SR023_0C
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-8 ns
-10 ns
-12 ns
-15 ns
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Min. Max. Unit
ICC
Vcc Dynamic Operating
VCC = Max., CE = VIL Com.
—
220
—
200
—
180
—
165
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
—
230
—
210
—
190
—
175
ISB
TTL Standby Current
VCC = Max.,
Com.
—
30
—
30
—
30
—
30
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
—
40
—
40
—
40
—
40
CE ≥ VIH , f = 0
ISB
CMOS Standby
VCC = Max.,
Com.
—
10
—
10
—
10
—
10
mA
Current (CMOS Inputs)
CE ≥ VCC – 0.2V,
Ind.
—
15
—
15
—
15
—
15
VIN ≥ VCC – 0.2V, or
VIN ≤ 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
TRUTH TABLE
I/O PIN
Mode
WE
WE
WE
WE
WE
CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
LB
LB
LB
LB
LB
UB
UB
UB
UB
UB
I/O0-I/O7
I/O8-I/O15
Vcc Current
Not Selected
X
H
X
X
X
High-Z
High-Z
ISB, ISB
Output Disabled
H
L
H
X
X
High-Z
High-Z
ICC
X
L
X
H
H
High-Z
High-Z
Read
H
L
L
L
H
DOUT
High-Z
ICC
H
L
L
H
L
High-Z
DOUT
H
LLLL
DOUT
DOUT
Write
L
L
X
L
H
DIN
High-Z
ICC
L
L
X
H
L
High-Z
DIN
LL
X
L
L
DIN
DIN


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IS63LV1024 128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT 1  2  3  4  5  More Integrated Silicon Solution, Inc
IC63LV1024 128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT 1  2  3  4  5  More Integrated Circuit Solution Inc
KM681001A 128K x 8 Bit High-Speed CMOS Static RAM 1  2  3  4  5  More Samsung semiconductor
IS61C1024AL 128K x 8 HIGH-SPEED CMOS STATIC RAM 1  2  3  4  5  More Integrated Silicon Solution, Inc
KM681001B 128K x 8 Bit High-Speed CMOS Static RAM 1  2  3  4  5  More Samsung semiconductor
IS61LV12816-12LQI 128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 1  2  3  4  5  More Integrated Silicon Solution, Inc
IS63LV1024L 128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT 1  2  3  4  5  More Integrated Silicon Solution, Inc
IS61WV12816BLL 128K x 16 HIGH-SPEED CMOS STATIC RAM 1  2  3  4  5  Integrated Silicon Solution, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn