Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GL4HY8 Datasheet(PDF) 5 Page - Sharp Electrionic Components

Part No. GL4HY8
Description  4mm, CYLINDER TYPE, COLORED DIFFUSION LED LAMPS FOR INDICATOR
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

GL4HY8 Datasheet(HTML) 5 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
105
Notice
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in
catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://sharp-world.com/ecg/
Taping Specifications
s General Description
Sharp can supply tape-packaged LED lamps for automatic mounting.
They will contribute to the high-efficiency mounting, high-precision,
power saving. Please confirm before use because some products are
not available in taping package.
s Taping specification(Unit : mm, TYP. value)
F
P
DO
PO
Forming type
Case end height
Lead clinch height
Tape width
Adhesive tape width
Product pitch
Sprocket hole pitch
Lead pitch
Sprocket hole diameter
Parameter
Symbol
W
P
F
AB
D
23.35
19.5
21.5
18.0
5.0
16.0
13.0
12.7
12.7
ø4.0
H
HO
WO
PO
DO
P
DO
PO
Dichromatic emission type
F1 F2
Case end height
Lead clinch height
Tape width
Adhesive tape width
Product pitch
Sprocket hole pitch
Lead pitch
Sprocket hole diameter
Parameter
Symbol
W
P
F1 , F2
Size (mm)
2.54
18.0
H
----
13.0
12.7
12.7
ø4.0
HO
WO
PO
DO
19.5
F
P
DO
PO
Straight type
Case end height
Lead clinch height
Tape width
Adhesive tape width
Product pitch
Sprocket hole pitch
Lead pitch
Sprocket hole diameter
Parameter
Symbol
W
P
F
P
W
18.0
23.35
2.54
18.0
13.0
12.7
12.7
ø4.0
H
HO
WO
PO
DO
-----


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn