Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3037261 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3037261
Description  ST 1,5-TWIN YE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3037261 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3037261 Datasheet HTML 1Page - PHOENIX CONTACT 3037261 Datasheet HTML 2Page - PHOENIX CONTACT 3037261 Datasheet HTML 3Page - PHOENIX CONTACT 3037261 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 4
http://www.phoenixcontact.de
Feb 10, 2011
Extract from the online
catalog
 
ST 1,5-TWIN YE
Order No.: 3037261
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3037261
 
 
Feed-through modular terminal block, Type of connection: Spring-
cage connection, Cross section: 0.08 mm² - 1.5 mm², AWG 28 - 16,
Width: 4.2 mm, Color: yellow, Mounting type: NS 35/7.5, NS 35/15
 
Commercial data
GTIN (EAN)
4
017918
599645
sales group
A630
Pack
50 pcs.
Customs tariff
85369010
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
BV, CB, CSA, CUL, DNV, GL, GOST, LR, NK, UL, VDE-PZI
Certification Ex:
IECEx, KEMA-EX


Similar Part No. - 3037261

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3037258 PHOENIX-3037258 Datasheet
182Kb / 19P
   Feed-through terminal block - ST 1,5-TWIN OG
3037274 PHOENIX-3037274 Datasheet
157Kb / 5P
   ST 1,5-TWIN RD
3037287 PHOENIX-3037287 Datasheet
172Kb / 17P
   Feed-through terminal block - ST 1,5-TWIN GN
More results

Similar Description - 3037261

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3037313 PHOENIX-3037313 Datasheet
147Kb / 4P
   ST 2,5-TWIN YE
3037025 PHOENIX-3037025 Datasheet
135Kb / 3P
   ST 1,5 YE
3031128 PHOENIX-3031128 Datasheet
175Kb / 6P
   ST 1,5-TWIN
3037274 PHOENIX-3037274 Datasheet
157Kb / 5P
   ST 1,5-TWIN RD
3031131 PHOENIX-3031131 Datasheet
176Kb / 6P
   ST 1,5-TWIN BU
3031144 PHOENIX-3031144 Datasheet
175Kb / 5P
   ST 1,5-TWIN-PE
3037300 PHOENIX-3037300 Datasheet
157Kb / 5P
   ST 1,5-TWIN BK
3037368 PHOENIX-3037368 Datasheet
182Kb / 20P
   Feed-through terminal block - ST 4-TWIN YE
3208159 PHOENIX-3208159 Datasheet
85Kb / 5P
   Feed-through terminal block - PT 1,5/S-TWIN YE
1707482 PHOENIX-1707482 Datasheet
87Kb / 3P
   MC 1,5/ 8-ST-3,5 YE 2CN BDNZSO
12/07/2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com