Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3037258 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3037258
Description  Feed-through terminal block - ST 1,5-TWIN OG
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3037258 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3037258 Datasheet HTML 1Page - PHOENIX CONTACT 3037258 Datasheet HTML 2Page - PHOENIX CONTACT 3037258 Datasheet HTML 3Page - PHOENIX CONTACT 3037258 Datasheet HTML 4Page - PHOENIX CONTACT 3037258 Datasheet HTML 5Page - PHOENIX CONTACT 3037258 Datasheet HTML 6Page - PHOENIX CONTACT 3037258 Datasheet HTML 7Page - PHOENIX CONTACT 3037258 Datasheet HTML 8Page - PHOENIX CONTACT 3037258 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
https://www.phoenixcontact.com/us/products/3037258
19.11.2013   Page 1 / 19
Feed-through terminal block - ST 1,5-TWIN OG - 3037258
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Feed-through terminal block, Connection method: Spring-cage connection, Cross section: 0.08 mm² - 1.5 mm²,
AWG: 28 - 16, Width: 4.2 mm, Color: orange, Mounting type: NS 35/7,5, NS 35/15
The illustration shows version ST
1,5-TWIN in gray
Product Features
 The consistent double function shaft offers every opportunity for time-saving potential distribution and accommodating test accessories
 User-friendly implementation of all potential branching tasks
 Space-saving and practical multi-conductor connection without additional bridges
Key commercial data
Packing unit
1 1
Minimum order quantity
50 1
Weight per Piece (excluding packing)
6.64 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
General
Number of levels
1
Number of connections
2
Color
orange
Insulating material
PA
Inflammability class according to UL 94
V0
Maximum load current
17.5 A (with 1.5 mm² conductor cross section)
Rated surge voltage
6 kV


Similar Part No. - 3037258

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3037261 PHOENIX-3037261 Datasheet
149Kb / 4P
   ST 1,5-TWIN YE
3037274 PHOENIX-3037274 Datasheet
157Kb / 5P
   ST 1,5-TWIN RD
3037287 PHOENIX-3037287 Datasheet
172Kb / 17P
   Feed-through terminal block - ST 1,5-TWIN GN
More results

Similar Description - 3037258

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3037012 PHOENIX-3037012 Datasheet
548Kb / 21P
   Feed-through terminal block - ST 1,5 OG
3208157 PHOENIX-3208157 Datasheet
83Kb / 4P
   Feed-through terminal block - PT 1,5/S-TWIN OG
3037287 PHOENIX-3037287 Datasheet
172Kb / 17P
   Feed-through terminal block - ST 1,5-TWIN GN
3036111 PHOENIX-3036111 Datasheet
226Kb / 18P
   Feed-through terminal block - ST 10 OG
09/11/2020
3037504 PHOENIX-3037504 Datasheet
234Kb / 21P
   Feed-through terminal block - STS 2,5-TWIN OG
09/12/2020
1291922 PHOENIX-1291922 Datasheet
820Kb / 28P
   Feed-through terminal block - PTV 6-TWIN OG
3211210 PHOENIX-3211210 Datasheet
736Kb / 36P
   Feed-through terminal block - PT 2,5-TWIN OG
3037533 PHOENIX-3037533 Datasheet
120Kb / 12P
   Feed-through terminal block - STS 4-TWIN OG
1002940 PHOENIX-1002940 Datasheet
90Kb / 5P
   Feed-through terminal block - ST 4-QUATTRO OG
3037067 PHOENIX-3037067 Datasheet
70Kb / 6P
   Feed-through terminal block - ST 1,5 BK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com