Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT34AC02WI Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT34AC02WI
Description  2K-Bit SMBus EEPROM for ACR Card Configuration
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT34AC02WI Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT34AC02WI Datasheet HTML 1Page - Catalyst Semiconductor CAT34AC02WI Datasheet HTML 2Page - Catalyst Semiconductor CAT34AC02WI Datasheet HTML 3Page - Catalyst Semiconductor CAT34AC02WI Datasheet HTML 4Page - Catalyst Semiconductor CAT34AC02WI Datasheet HTML 5Page - Catalyst Semiconductor CAT34AC02WI Datasheet HTML 6Page - Catalyst Semiconductor CAT34AC02WI Datasheet HTML 7Page - Catalyst Semiconductor CAT34AC02WI Datasheet HTML 8Page - Catalyst Semiconductor CAT34AC02WI Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT34AC02
4
Doc. No. 1025, Rev. E
FUNCTIONAL DESCRIPTION
The CAT34AC02 supports the SMBus data transmission
protocol. This serial protocol defines any device that
sends data to the bus to be a transmitter and any device
receiving data to be a receiver. Data transfer is controlled
by the Master device which generates the serial clock
and all START and STOP conditions for bus access. The
CAT34AC02 operates as a Slave device. Both the
Master and Slave devices can operate as either
transmitter or receiver, but the Master device controls
which mode is activated. A maximum of 8 devices may
be connected to the bus as determined by the device
address inputs A0, A1, and A2.
PIN DESCRIPTIONS
SCL: Serial Clock
The CAT34AC02 serial clock input pin is used to clock
all data transfers into or out of the device. This is an input
pin.
SDA: Serial Data/Address
The CAT34AC02 bidirectional serial data/address pin is
used to transfer data into and out of the device. The SDA
pin is an open drain output and can be wire-ORed with
other open drain or open collector outputs.
A0, A1, A2: Device Address Inputs
These inputs set device address when cascading multiple
devices. A maximum of eight devices can be cascaded
when using the device.
WP: Write Protect
This input, when tied to GND, allows write operations to
the entire memory. For CAT34AC02 when this pin is tied
to VCC, the entire array of memory is write protected.
When left floating, memory is unprotected.
Figure 3. Start/Stop Timing
Figure 2. Write Cycle Timing
Figure 1. Bus Timing
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
START BIT
SDA
STOP BIT
SCL


Similar Part No. - CAT34AC02WI

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02 ONSEMI-CAT34C02 Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
March, 2011 ??Rev. 17
CAT34C02 ONSEMI-CAT34C02 Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
CAT34C02 ONSEMI-CAT34C02 Datasheet
229Kb / 17P
   EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD
May, 2018 ??Rev. 20
More results

Similar Description - CAT34AC02WI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34A02 STMICROELECTRONICS-M34A02 Datasheet
123Kb / 15P
   2 Kbit Serial SMBus EEPROM for ACR Card Configuration
logo
Panasonic Semiconductor
MN63112S PANASONIC-MN63112S Datasheet
36Kb / 4P
   2K-Bit EEPROM
MN6311S PANASONIC-MN6311S Datasheet
40Kb / 6P
   2K-Bit EEPROM
logo
List of Unclassifed Man...
24LLC02 ETC-24LLC02 Datasheet
663Kb / 19P
   2K-bit Serial EEPROM for Low Power
logo
Catalyst Semiconductor
93C57 CATALYST-93C57 Datasheet
406Kb / 9P
   2K-Bit Microwire Serial EEPROM
CAT93C56 CATALYST-CAT93C56_06 Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
logo
Microchip Technology
24LC09 MICROCHIP-24LC09 Datasheet
237Kb / 20P
   8K 2.5V ACR SERIAL EEPROM
2001
24LC09 MICROCHIP-24LC09_04 Datasheet
190Kb / 18P
   8K 2.5V ACR SERIAL EEPROM
2004
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Seiko Instruments Inc
S-29255A SII-S-29255A Datasheet
846Kb / 14P
   CMOS 2K/4K-bit SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com