Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5122TBI-10-T Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT5122TBI-10-T
Description  16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5122TBI-10-T Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT5122TBI-10-T Datasheet HTML 1Page - Catalyst Semiconductor CAT5122TBI-10-T Datasheet HTML 2Page - Catalyst Semiconductor CAT5122TBI-10-T Datasheet HTML 3Page - Catalyst Semiconductor CAT5122TBI-10-T Datasheet HTML 4Page - Catalyst Semiconductor CAT5122TBI-10-T Datasheet HTML 5Page - Catalyst Semiconductor CAT5122TBI-10-T Datasheet HTML 6Page - Catalyst Semiconductor CAT5122TBI-10-T Datasheet HTML 7Page - Catalyst Semiconductor CAT5122TBI-10-T Datasheet HTML 8Page - Catalyst Semiconductor CAT5122TBI-10-T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CAT5120/5121/5122
5
Doc. No. 2121, Rev. A
Operating Temperature Range ........... -40
°C to +85˚C
Junction Temperature ...................................... +150˚C
Storage Temperature Range ............ -65˚C to +150˚C
Soldering Temperature (soldering, 10s) .......... +300˚C
*(derate 3.1mW/˚C above TA = +70˚C)
COMMENT
Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions
outside of those listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for extended periods
may affect device performance and reliability.
ABSOLUTE MAXIMUM RATINGS
VDD to GND........................................... -0.3 V to +6 V
All Other Pins to GND .............. -0.3 V to (VDD + 0.3) V
Input and Output Latch-Up Immunity ............ +200 mA
Maximum Continuous Current into H, L and W
100k
Ω ................................................................... +0.6 mA
50k
Ω...................................................................... +1.3 mA
10k
Ω...................................................................... +1.3 mA
Continuous Power Dissipation (TA = +70˚C)
5-pin SC70* .................................................... 247 mW
6-pin SC70* .................................................... 245 mW
ELECTRICAL CHARACTERISTICS
(VDD = 2.7 V to 5.5 V, VH = VDD, VL = 0, TA = -40˚C to 85˚C. Typical values are at VDD = 2.7 V, TA = 25˚C, unless
otherwise noted).
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
c
n
a
m
r
o
f
r
e
P
C
D
n
o
i
t
u
l
o
s
e
R
6
1s
p
a
T
e
c
n
a
t
s
i
s
e
R
d
n
E
-
o
t
-
d
n
E
0
2
1
5
T
A
C0
80
0
10
2
1
k
1
2
1
5
T
A
C0
40
50
6
2
2
1
5
T
A
C8
0
12
1
C
T
R
o
c
p
m
e
T
e
c
n
a
t
s
i
s
e
R
d
n
E
-
o
t
-
d
n
E
0
0
2C
˚
/
m
p
p
o
c
p
m
e
T
e
c
n
a
t
s
i
s
e
R
c
i
r
t
e
m
o
i
t
a
R
5C
˚
/
m
p
p
L
N
Iy
t
i
r
a
e
n
il
n
o
N
l
a
r
g
e
t
n
I
+ 5
.
0B
S
L
L
N
Dy
t
i
r
a
e
n
il
n
o
N
l
a
i
t
n
e
r
e
f
f
i
D
+ 5
.
0B
S
L
r
o
r
r
E
e
l
a
c
S
-
ll
u
F
/
o
r
e
Z
+ 1
.
0+ 5
.
0B
S
L
R
W
e
c
n
a
t
s
i
s
e
R
r
e
p
i
W
0
0
20
0
6
s
t
u
p
n
I
l
a
t
i
g
i
D
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
V
x
7
.
0
D
D
V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
V
x
3
.
0
D
D
V
)
2
,
1
s
e
r
u
g
i
F
(
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
g
n
i
m
i
T
t
U
C
/
U
D
p
u
t
e
S
S
C
o
t
e
d
o
M
5
2s
n
t
I
C
/
U
o
t
S
C
D
p
u
t
e
S
p
e
t
S0
5s
n
t
C
I
/
U
o
t
S
C
D
d
l
o
H
p
e
t
S5
2s
n
t
L
I
/
U
D
d
o
i
r
e
P
w
o
L
p
e
t
S
5
2s
n
t
H
I
/
U
D
d
o
i
r
e
P
h
g
i
H
p
e
t
S
5
2s
n
f
E
L
G
G
O
T
/
p
U
n
w
o
D
e
t
a
R
e
l
g
g
o
T
)
1
(
1z
H
M
t
E
L
T
T
E
S
e
m
i
T
g
n
il
t
t
e
S
t
u
p
t
u
O
)
2
(
k
0
0
1
,
n
o
i
t
a
r
u
g
i
f
n
o
c
r
o
t
s
i
s
e
r
e
l
b
a
i
r
a
v
F
p
0
1
=
L
C
1
s
µ
k
0
0
1
,
n
o
i
t
a
r
u
g
i
f
n
o
c
r
e
t
e
m
o
i
t
n
e
t
o
p
F
p
0
1
=
L
C
5
2
.
0


Similar Part No. - CAT5122TBI-10-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5122TBI-10-T3 ONSEMI-CAT5122TBI-10-T3 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
More results

Similar Description - CAT5122TBI-10-T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_07 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com