Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFG31000 Datasheet(PDF) 8 Page - TEKTRONIX, INC.

Part # AFG31000
Description  Arbitrary Function Generators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

AFG31000 Datasheet(HTML) 8 Page - TEKTRONIX, INC.

Back Button AFG31000 Datasheet HTML 4Page - TEKTRONIX, INC. AFG31000 Datasheet HTML 5Page - TEKTRONIX, INC. AFG31000 Datasheet HTML 6Page - TEKTRONIX, INC. AFG31000 Datasheet HTML 7Page - TEKTRONIX, INC. AFG31000 Datasheet HTML 8Page - TEKTRONIX, INC. AFG31000 Datasheet HTML 9Page - TEKTRONIX, INC. AFG31000 Datasheet HTML 10Page - TEKTRONIX, INC. AFG31000 Datasheet HTML 11Page - TEKTRONIX, INC. AFG31000 Datasheet HTML 12Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
THD, typical
≤ 0.04%, 10 Hz to 20 kHz, 1 VP-P
Spurious noise (1 VP-P), typical Frequency range
AFG31021, AFG31022, AFG31051,
AFG31052, AFG31101, AFG31102
≥ 10 Hz to < 1 MHz
< -78 dBc
≥ 1 MHz to < 25 MHz
< -73 dBc
≥ 25 MHz to ≤ 100 MHz
< -78 dBc
Frequency range
AFG31151, AFG31152, AFG31251,
AFG31252
10 Hz to < 1 MHz
< -80 dBc
≥ 1 MHz to < 25 MHz
< -75 dBc
≥ 25 MHz to ≤ 250 MHz
< -75 dBc + 6 dBc/octave
Phase noise, typical
< -125 dBc/Hz at 20 MHz, 10 kHz offset, 1 VP-P
Residual clock noise, all
models
-63 dBm
Square
Frequency range
AFG31021 / AFG31022 AFG31051 / AFG31052 AFG31101 / AFG31102 AFG31151 / AFG31152 AFG31251 / AFG31252
1 μHz to 20 MHz
1 μHz to 40 MHz
1 μHz to 80 MHz
1 μHz to 120 MHz
1 μHz to 160 MHz
Rise/fall time, typical
AFG31021 /
AFG31022
AFG31051 /
AFG31052
AFG31101 /
AFG31102
AFG31151 /
AFG31152
AFG31251 /
AFG31252
Amplitude ≤ 5 Vpp ≤ 7.0 ns
≤ 5.0 ns
≤ 3.5 ns
≤ 3.0 ns
≤ 2.0 ns
Amplitude > 5 Vpp
≤ 8.0 ns
≤6.0 ns
≤ 4.2 ns
-----
-----
Overshoot, typical
< 3%
Jitter (RMS), typical
2.5 ps
Ramp
Frequency range
AFG31021 / AFG31022 AFG31051 / AFG31052 AFG31101 / AFG31102 AFG31151 / AFG31152 AFG31251 / AFG31252
1 μHz to 500 kHz
1 μHz to 800 kHz
1 μHz to 1 MHz
1 μHz to 1.5 MHz
1 μHz to 2.5 MHz
Linearity, typical (1 kHz, 1 VP-P,
100% symmetry)
AFG31021 / AFG31022 AFG31051 / AFG31052 AFG31101 / AFG31102 AFG31151 / AFG31152 AFG31251 / AFG31252
≤ 0.1% of peak output
≤ 0.1% of peak output
≤ 0.15% of peak output ≤ 0.2% of peak output
≤ 0.2% of peak output
Symmetry
0% to 100%
Datasheet
General characteristics - Basic mode
8 www.tek.com


Similar Part No. - AFG31000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFG3101C ETC2-AFG3101C Datasheet
342Kb / 8P
   Arbitrary Function Generators
logo
TEKTRONIX, INC.
AFG3101C TEKTRONIX-AFG3101C Datasheet
718Kb / 14P
   Arbitrary/Function Generators
logo
List of Unclassifed Man...
AFG3102C ETC2-AFG3102C Datasheet
342Kb / 8P
   Arbitrary Function Generators
logo
TEKTRONIX, INC.
AFG3102C TEKTRONIX-AFG3102C Datasheet
718Kb / 14P
   Arbitrary/Function Generators
More results

Similar Description - AFG31000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFG3000C ETC2-AFG3000C Datasheet
342Kb / 8P
   Arbitrary Function Generators
4084AWG ETC2-4084AWG Datasheet
1Mb / 2P
   Arbitrary/Function Generators
logo
TEKTRONIX, INC.
AFG3000C TEKTRONIX-AFG3000C Datasheet
718Kb / 14P
   Arbitrary/Function Generators
logo
Keysight Technologies
81160A KEYSIGHT-81160A Datasheet
3Mb / 36P
   Pulse Function Arbitrary Noise Generators
81150A KEYSIGHT-81150A Datasheet
3Mb / 36P
   Pulse Function Arbitrary Noise Generators
logo
List of Unclassifed Man...
UTG900E ETC-UTG900E Datasheet
323Kb / 1P
   UTG900E SERIES FUNCTION/ARBITRARY WAVEFORM GENERATORS
logo
Keysight Technologies
33521A KEYSIGHT-33521A Datasheet
575Kb / 12P
   30 MHz Function/Arbitrary Waveform Generators
logo
B&K Precision Corporati...
4060B BK-4060B Datasheet
2Mb / 6P
   Dual Channel Function/Arbitrary Waveform Generators
4050B BK-4050B Datasheet
2Mb / 5P
   Dual Channel Function/Arbitrary Waveform Generators
logo
National Instruments Co...
NI5406 NI-NI5406 Datasheet
108Kb / 3P
   40 and 20 MHz Arbitrary Function Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com