Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4210-CVU Datasheet(PDF) 41 Page - TEKTRONIX, INC.

Part # 4210-CVU
Description  4200A-SCS Parameter Analyzer
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4210-CVU Datasheet(HTML) 41 Page - TEKTRONIX, INC.

Back Button 4210-CVU Datasheet HTML 37Page - TEKTRONIX, INC. 4210-CVU Datasheet HTML 38Page - TEKTRONIX, INC. 4210-CVU Datasheet HTML 39Page - TEKTRONIX, INC. 4210-CVU Datasheet HTML 40Page - TEKTRONIX, INC. 4210-CVU Datasheet HTML 41Page - TEKTRONIX, INC. 4210-CVU Datasheet HTML 42Page - TEKTRONIX, INC. 4210-CVU Datasheet HTML 43Page - TEKTRONIX, INC. 4210-CVU Datasheet HTML 44Page - TEKTRONIX, INC. 4210-CVU Datasheet HTML 45Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
Datasheet
TEK.COM
42
13. General Specifications
Mainframe Display
15.6 in. LCD, capacitive touchscreen
1920 × 1080 full HD
10 point touch
External Display
External VGA, HDMI, or Display Port: The system is designed to work with an external monitor of
resolution 1920 × 1080
Temperature Range
Operating: +10° to +40°C
Storage:
–15° to +60°C
Humidity Range
Operating: 5% to 80% RH, non-condensing
Storage:
5% to 90% RH, non-condensing
Altitude
Operating: 0 to 2000 m
Storage:
0 to 4600 m
Power Requirements
100 V to 240 V, 50 to 60 Hz
Maximum VA
1000 VA
Regulatory Compliance
Safety: European Low Voltage Directive. NRTL listed by Intertek for the US and Canada.
EMC: European EMC Directive
Dimensions
43.6 cm wide × 22.3 cm high × 56.5 cm deep (17532 in × 8¾ in × 22¼ in)
Weight (approx.)
29.7 kg (65.5 lb) for typical configuration of four SMUs
I/O Ports
USB, SVGA, Display Port, RS-232, GPIB, Ethernet, mouse, keyboard, audio
Ground Unit
Voltage error when using the ground unit is included in the 4200-SMU, 4210-SMU, and 4200-PA
specifications. No additional errors are introduced when using the ground unit.
Output Terminal Connection
Dual triaxial, 5-way binding post
Maximum Current
2.6 A using dual triaxial connection; 9.5 A using 5-way binding posts
Load Capacitance
No limit
Cable Resistance
FORCE ≤1 Ω, SENSE ≤10 Ω
LCD Display Pixel Guideline
LCD displays are made up of a matrix of pixels, with each pixel consisting of red, green, and blue sub-
pixels. These pixels and sub-pixels can become fixed in an unchanging state resulting in permanently
black, white, or colored spots on the display. These are typically categorized as Bright or Black pixel (or
dot) defects.
Bright dot defect: A dot that is always lit, either as a white or colored dot, visible on a black check pattern.
Black dot defect: A dot that appears as either black or purple (magenta) on red, green, and/or blue
check patterns.
The LCD display used in the 4200A-SCS is permitted to have a maximum of 6 (six) bright dot defects
upon receipt of a new instrument. A maximum of three bright dot defect pairs (adjacent defective dots) are
permitted. Three adjacent bright dots are not permitted under the pixel guideline.
The LCD display is permitted to have a maximum of 5 (five) black dot defects. Two adjacent black dot
defects are to be counted as a single black dot defect. A maximum of three black dot defect pairs
(adjacent defective dots) are permitted. Three adjacent black dot defects are not permitted under the
pixel guideline.


Similar Part No. - 4210-CVU

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4210-00 PEREGRINE-4210-00 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
4210-21 PEREGRINE-4210-21 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
4210-22 PEREGRINE-4210-22 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
4210-51 PEREGRINE-4210-51 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
4210-52 PEREGRINE-4210-52 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
More results

Similar Description - 4210-CVU

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4155C HP-4155C Datasheet
230Kb / 14P
   Parameter Analyzer
logo
List of Unclassifed Man...
XT150-M ETC-XT150-M Datasheet
490Kb / 2P
   Material & Parameter
V1. 2
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
logo
STMicroelectronics
STGW80H65DFB-4 STMICROELECTRONICS-STGW80H65DFB-4 Datasheet
937Kb / 16P
   Tight parameter distribution
March 2017 Rev 3
logo
NTE Electronics
NTE239 NTE-NTE239 Datasheet
23Kb / 2P
   Silicon Controlled Switch (SCS)
logo
List of Unclassifed Man...
RPI-16MM-LENS ETC-RPI-16MM-LENS Datasheet
135Kb / 1P
   Parameter of Lens
logo
STMicroelectronics
STGWA80H65DFB STMICROELECTRONICS-STGWA80H65DFB Datasheet
908Kb / 17P
   Tight parameter distribution
November 2016 Rev 1
logo
E-SWITCH
34-PP27U12B2 E-SWITCH-34-PP27U12B2 Datasheet
72Kb / 1P
   DENOTES CRITICAL PARAMETER
logo
Infineon Technologies A...
IKQ120N60TA INFINEON-IKQ120N60TA Datasheet
2Mb / 16P
   very tight parameter distribution
Rev.2.2,2014-11-21
IHW20N65R5 INFINEON-IHW20N65R5 Datasheet
1Mb / 15P
   very tight parameter distribution
Rev.2.2,2014-11-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com