Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4210-CVU Datasheet(PDF) 3 Page - TEKTRONIX, INC.

Part # 4210-CVU
Description  4200A-SCS Parameter Analyzer
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4210-CVU Datasheet(HTML) 3 Page - TEKTRONIX, INC.

  4210-CVU Datasheet HTML 1Page - TEKTRONIX, INC. 4210-CVU Datasheet HTML 2Page - TEKTRONIX, INC. 4210-CVU Datasheet HTML 3Page - TEKTRONIX, INC. 4210-CVU Datasheet HTML 4Page - TEKTRONIX, INC. 4210-CVU Datasheet HTML 5Page - TEKTRONIX, INC. 4210-CVU Datasheet HTML 6Page - TEKTRONIX, INC. 4210-CVU Datasheet HTML 7Page - TEKTRONIX, INC. 4210-CVU Datasheet HTML 8Page - TEKTRONIX, INC. 4210-CVU Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Datasheet
TEK.COM
4
4200A-SCS Instruments and Modules
Model
Description
Key Measurements
Range
Measure Resolution
4200-SMU
Medium Power
Source-Measure Unit
- DC I-V
- Very Low Frequency C-V
- QSCV
±100 mA, ±210 V
0.2 µV, 100 fA
4201-SMU
Medium Power SMU for
Capacitance Setups
4210-SMU
High Power
Source-Measure Unit
±1 A, ±210 V
4211-SMU
High Power SMU for
Capacitance Setups
4200-PA
Remote Preamplifier
Module
Extends current ranges
for all SMUs
0.2 µV, 10 aA
4210-CVU
Capacitance-Voltage Unit
- AC Impedance
- C-V, C-f, C-t
1 kHz – 10 MHz
±30 V built-in DC bias
(60 V differential)
±210 V DC bias with SMUs
1 aF, 1 nS,
0.001 degree
4200A-CVIV
I-V/C-V Multi-Switch Module
DC I-V and C-V with
Automatic Switching
4225-PMU
Ultra-Fast Pulse Measure Unit
- Pulsed I-V
- SegmentARB®
Multi-level pulsing
- Transient Waveform Capture
±40 V (80 V
p-p), ±800 mA
200 MS/s simultaneous
I and V measure
2048 unique segments
20 ns PW source only
60 ns PW source/measure
75 nA
4225-RPM
Remote Preamplifier/
Switch Module
DC I-V, C-V, Pulsed I-V with
Automatic Switching
Extends current range of
4225-PMU unit
200 pA
4220-PGU
High Voltage Pulse
Generator Unit
- Pulsed Voltage Source
- SegmentARB®
multi-level pulsing
±40 V (80 V
p-p)
2048 unique segments
Ground Unit
Built-in, Low Noise Ground Unit
Triaxial connection: 2.6 A
Binding post: 9.5 A
Example List of Extracted or Measured Parameters
CMOS transistor
Id-Vg, Id-Vd, Ig-Vg, Vth, Vtlin, Sub-Vt, Rds-on, breakdown, capacitance, QSCV,
Low-frequency CV, self-heating reduction and more
BJT
Ic-Vc, Vcsat, Gummel plot, capacitance, βF, αF
Non-volatile Memory
Vth, endurance test, capacitance
Nanoscale
Resistance, Id-Vg, Id-Vd, Ic-Vc
Discrete components
Id-Vg, Id-Vd, Ic-Vc, V
fdiode, Vrdiode, capacitance
Materials
Van der Pauw, 4-point collinear resistivity, Hall Effect
Photovoltaics
I
forward, Ireverse, HiR, LoR
Power device
Pulsed Id-Vg, pulsed Id-Vd, breakdown
Reliability
NBTI/PBTI, charge pumping, hot carrier injection, V-Ramp, J-Ramp, TDDB


Similar Part No. - 4210-CVU

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4210-00 PEREGRINE-4210-00 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
4210-21 PEREGRINE-4210-21 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
4210-22 PEREGRINE-4210-22 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
4210-51 PEREGRINE-4210-51 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
4210-52 PEREGRINE-4210-52 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
More results

Similar Description - 4210-CVU

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4155C HP-4155C Datasheet
230Kb / 14P
   Parameter Analyzer
logo
List of Unclassifed Man...
XT150-M ETC-XT150-M Datasheet
490Kb / 2P
   Material & Parameter
V1. 2
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
logo
STMicroelectronics
STGW80H65DFB-4 STMICROELECTRONICS-STGW80H65DFB-4 Datasheet
937Kb / 16P
   Tight parameter distribution
March 2017 Rev 3
logo
NTE Electronics
NTE239 NTE-NTE239 Datasheet
23Kb / 2P
   Silicon Controlled Switch (SCS)
logo
List of Unclassifed Man...
RPI-16MM-LENS ETC-RPI-16MM-LENS Datasheet
135Kb / 1P
   Parameter of Lens
logo
STMicroelectronics
STGWA80H65DFB STMICROELECTRONICS-STGWA80H65DFB Datasheet
908Kb / 17P
   Tight parameter distribution
November 2016 Rev 1
logo
E-SWITCH
34-PP27U12B2 E-SWITCH-34-PP27U12B2 Datasheet
72Kb / 1P
   DENOTES CRITICAL PARAMETER
logo
Infineon Technologies A...
IKQ120N60TA INFINEON-IKQ120N60TA Datasheet
2Mb / 16P
   very tight parameter distribution
Rev.2.2,2014-11-21
IHW20N65R5 INFINEON-IHW20N65R5 Datasheet
1Mb / 15P
   very tight parameter distribution
Rev.2.2,2014-11-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com