Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFG3000C Datasheet(PDF) 6 Page - TEKTRONIX, INC.

Part # AFG3000C
Description  Arbitrary/Function Generators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

AFG3000C Datasheet(HTML) 6 Page - TEKTRONIX, INC.

Back Button AFG3000C Datasheet HTML 2Page - TEKTRONIX, INC. AFG3000C Datasheet HTML 3Page - TEKTRONIX, INC. AFG3000C Datasheet HTML 4Page - TEKTRONIX, INC. AFG3000C Datasheet HTML 5Page - TEKTRONIX, INC. AFG3000C Datasheet HTML 6Page - TEKTRONIX, INC. AFG3000C Datasheet HTML 7Page - TEKTRONIX, INC. AFG3000C Datasheet HTML 8Page - TEKTRONIX, INC. AFG3000C Datasheet HTML 9Page - TEKTRONIX, INC. AFG3000C Datasheet HTML 10Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Ramp waves
Frequency range
AFG3101C, AFG3102C
AFG3151C, AFG3152C
AFG3251C, AFG3252C
1 µHz to 1 MHz
1 µHz to 1.5 MHz
1 µHz to 2.4 MHz
Linearity, typical
≤0.15% of peak output
≤0.15% of peak output
≤0.2% of peak output
Symmetry
0% to 100.0%
Pulse waves
Frequency range
AFG3101C, AFG3102C
AFG3151C, AFG3152C
AFG3251C, AFG3252C
1 mHz to 50 MHz
1 mHz to 100 MHz
1 mHz to 120 MHz
Pulse width
8.00 ns to 999.99 s
5.00 ns to 999.99 s
4.00 ns to 999.99 s
Resolution
10 ps or 5 digits
Pulse duty
0.001% to 99.999% (Limitations of pulse width apply)
Edge transition time
5 ns to 625 s
3 ns to 625 s
2.5 ns to 625 s
Resolution
10 ps or 4 digits
Lead delay: range
(Continuous Mode): 0 ps to Period
(Triggered/Gated Burst Mode): 0 ps to Period - [Pulse Width + 0.8 * (Leading Edge Time + Trailing Edge Time)]
Lead delay: resolution
10 ps or 8 digits
Overshoot, typical
<5%
Jitter (RMS)
200 ps
150 ps
100 ps
Jitter (RMS), typical
<35 ps
<25 ps
<35 ps
Other waveforms
Frequency range
AFG3101C, AFG3102C
AFG3151C, AFG3152C
AFG3251C, AFG3252C
1 µHz to 1 MHz
1 µHz to 1.5 MHz
1 µHz to 2.4 MHz
Noise bandwidth (-3 dB)
100 MHz
180 MHz
240 MHz
Noise type:
White Gaussian
Internal noise add
When activated, output signal amplitude is reduced to 50%
Level
0.0% to 50% of amplitude (Vp-p) setting
Resolution
1%
DC (into 50 Ω)
-5 V to +5 V
-5 V to +5 V
-2.5 V to +2.5 V
Arbitrary waveforms
Frequency range
AFG3101C, AFG3102C
AFG3151C, AFG3152C
AFG3251C, AFG3252C
1 mHz to 50 MHz
1 mHz to 100 MHz
1 mHz to 120 MHz
Arbitrary waveforms in Burst
Mode
1 mHz to 25 MHz
1 mHz to 50 MHz
1 mHz to 60 MHz
Effective analog bandwidth
(-3 dB)
100 MHz
180 MHz
225 MHz
Nonvolatile memory
4 waveforms
Datasheet
General characteristics (AFG3100 & AFG3200 series)
6 www.tek.com


Similar Part No. - AFG3000C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFG3000C ETC2-AFG3000C Datasheet
342Kb / 8P
   Arbitrary Function Generators
More results

Similar Description - AFG3000C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFG3000C ETC2-AFG3000C Datasheet
342Kb / 8P
   Arbitrary Function Generators
logo
TEKTRONIX, INC.
AFG31000 TEKTRONIX-AFG31000 Datasheet
1Mb / 22P
   Arbitrary Function Generators
logo
List of Unclassifed Man...
4084AWG ETC2-4084AWG Datasheet
1Mb / 2P
   Arbitrary/Function Generators
logo
Keysight Technologies
81160A KEYSIGHT-81160A Datasheet
3Mb / 36P
   Pulse Function Arbitrary Noise Generators
81150A KEYSIGHT-81150A Datasheet
3Mb / 36P
   Pulse Function Arbitrary Noise Generators
logo
List of Unclassifed Man...
UTG900E ETC-UTG900E Datasheet
323Kb / 1P
   UTG900E SERIES FUNCTION/ARBITRARY WAVEFORM GENERATORS
logo
Keysight Technologies
33521A KEYSIGHT-33521A Datasheet
575Kb / 12P
   30 MHz Function/Arbitrary Waveform Generators
logo
B&K Precision Corporati...
4060B BK-4060B Datasheet
2Mb / 6P
   Dual Channel Function/Arbitrary Waveform Generators
4050B BK-4050B Datasheet
2Mb / 5P
   Dual Channel Function/Arbitrary Waveform Generators
logo
National Instruments Co...
NI5406 NI-NI5406 Datasheet
108Kb / 3P
   40 and 20 MHz Arbitrary Function Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com