Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4210-SMU Datasheet(PDF) 33 Page - TEKTRONIX, INC.

Part # 4210-SMU
Description  4200A-SCS Parameter Analyzer
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4210-SMU Datasheet(HTML) 33 Page - TEKTRONIX, INC.

Back Button 4210-SMU Datasheet HTML 29Page - TEKTRONIX, INC. 4210-SMU Datasheet HTML 30Page - TEKTRONIX, INC. 4210-SMU Datasheet HTML 31Page - TEKTRONIX, INC. 4210-SMU Datasheet HTML 32Page - TEKTRONIX, INC. 4210-SMU Datasheet HTML 33Page - TEKTRONIX, INC. 4210-SMU Datasheet HTML 34Page - TEKTRONIX, INC. 4210-SMU Datasheet HTML 35Page - TEKTRONIX, INC. 4210-SMU Datasheet HTML 36Page - TEKTRONIX, INC. 4210-SMU Datasheet HTML 37Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
Datasheet
TEK.COM
34
9. NBTI/PBTI Package
The 4200-BTI-A package combines advanced DC I-V and ultra-fast I-V measurement capabilities of Keithley with automatic test executive
software to provide the most advanced NBTI/PBTI test platform available in the semiconductor test industry.
4200-BTI-A Ultra-fast NBTI/PBTI
The 4200-BTI-A package includes all the instruments, interconnects, and software needed to make the most sophisticated NBTI and PBTI
measurements on leading-edge silicon CMOS technology.
Model 4200-BTI-A
Offers the best high-speed, low-current measurement sensitivity available in a single-box integrated solution.
Ensures that source/measure instrumentation will not be the limiting factor when making low-level
measurements.
The ACS software, which is provided in the package, supports building complex test sequences, including
up to 20 measurement sequences and full prober integration. It also:
• Easily integrates DC I-V and ultra-fast I-V measurements into a pre- and post-stress
measurement sequence.
• Characterizes degradation and recovery behaviors using either AC or DC stress.
• Incorporates single pulse charge trapping (SPCT) measurements into longer stress-measure
sequences.
4200-BTI-A Ultra-fast NBTI/PBTI includes:
(1) 4225-PMU Ultra-Fast I-V Module
(2) 4225-RPM Remote Preamplifier/Switch Modules
Automated Characterization Suite (ACS) Software
Ultra-Fast BTI Test Project Module
Cabling
SMU1
SMU5
SMU6
SMU7
SMU8
SMU2
SMU3
SMU4
Example of using eight SMUs to stress 20 devices in parallel for HCI and NBTI. A separate ground unit (GNDU) is used for common terminals.


Similar Part No. - 4210-SMU

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4210-00 PEREGRINE-4210-00 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
4210-21 PEREGRINE-4210-21 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
4210-22 PEREGRINE-4210-22 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
4210-51 PEREGRINE-4210-51 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
4210-52 PEREGRINE-4210-52 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
More results

Similar Description - 4210-SMU

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4155C HP-4155C Datasheet
230Kb / 14P
   Parameter Analyzer
logo
List of Unclassifed Man...
XT150-M ETC-XT150-M Datasheet
490Kb / 2P
   Material & Parameter
V1. 2
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
logo
STMicroelectronics
STGW80H65DFB-4 STMICROELECTRONICS-STGW80H65DFB-4 Datasheet
937Kb / 16P
   Tight parameter distribution
March 2017 Rev 3
logo
NTE Electronics
NTE239 NTE-NTE239 Datasheet
23Kb / 2P
   Silicon Controlled Switch (SCS)
logo
List of Unclassifed Man...
RPI-16MM-LENS ETC-RPI-16MM-LENS Datasheet
135Kb / 1P
   Parameter of Lens
logo
STMicroelectronics
STGWA80H65DFB STMICROELECTRONICS-STGWA80H65DFB Datasheet
908Kb / 17P
   Tight parameter distribution
November 2016 Rev 1
logo
E-SWITCH
34-PP27U12B2 E-SWITCH-34-PP27U12B2 Datasheet
72Kb / 1P
   DENOTES CRITICAL PARAMETER
logo
Infineon Technologies A...
IKQ120N60TA INFINEON-IKQ120N60TA Datasheet
2Mb / 16P
   very tight parameter distribution
Rev.2.2,2014-11-21
IHW20N65R5 INFINEON-IHW20N65R5 Datasheet
1Mb / 15P
   very tight parameter distribution
Rev.2.2,2014-11-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com