Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4210-SMU Datasheet(PDF) 28 Page - TEKTRONIX, INC.

Part # 4210-SMU
Description  4200A-SCS Parameter Analyzer
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4210-SMU Datasheet(HTML) 28 Page - TEKTRONIX, INC.

Back Button 4210-SMU Datasheet HTML 24Page - TEKTRONIX, INC. 4210-SMU Datasheet HTML 25Page - TEKTRONIX, INC. 4210-SMU Datasheet HTML 26Page - TEKTRONIX, INC. 4210-SMU Datasheet HTML 27Page - TEKTRONIX, INC. 4210-SMU Datasheet HTML 28Page - TEKTRONIX, INC. 4210-SMU Datasheet HTML 29Page - TEKTRONIX, INC. 4210-SMU Datasheet HTML 30Page - TEKTRONIX, INC. 4210-SMU Datasheet HTML 31Page - TEKTRONIX, INC. 4210-SMU Datasheet HTML 32Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
TEK.COM 29
4200A-SCS Parameter Analyzer
Voltage Source, Best Performance
When the 4225-PMU is used as a voltage source only (no measurements of voltage or current), the timing performance is improved. The following
is provided to offer a clearer idea of best performance when used as a voltage source, as achievable under optimal conditions. This should not be
interpreted as a guarantee.
10 V Range
40 V Range
Rise Time
<10 ns
50 ns to 10 V, 100 ns to 40 V
Pulse Width
10 ns (FWHM)
50 ns (FWHM)
Period
20 ns
100 ns
Overshoot/
Preshoot/Ringing
±(2% + 20 mV)
±(0.5% + 40 mV)
Trigger
Trigger output impedance
50 Ω
Trigger output level
TTL
Trigger in impedance
10 kΩ
Trigger in level
TTL
Trigger in transition timing, maximum
<100 ns
Trigger in to pulse output delay
400 ns
Trigger synchronization/jitter 1
<2 ns
Segment ARB® and Timing
Segment ARB capabilities are available with the 4225-PMU and 4220-PGU, with or without the 4225-RPM Remote Preamplifier/Switch Module.
Max. Number of Segments
2048 per PMU channel
Max. Number of Sequences
512 per PMU channel
Max. Number of Sequence Loops 1012
Time per Segment
20 ns to 40 s
Segment Timing Resolution
10 ns
Control Parameters for Each Segment
Start V
Stop V
Duration
Measurement window (PMU or PMU+RPM only)
Measurement type (PMU or PMU+RPM only)
RMS Jitter (Segment)
0.01% + 200 ps typical
Notes
1. For multiple 4225-PMU or 4220-PGU cards in a single 4200A-SCS chassis


Similar Part No. - 4210-SMU

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4210-00 PEREGRINE-4210-00 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
4210-21 PEREGRINE-4210-21 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
4210-22 PEREGRINE-4210-22 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
4210-51 PEREGRINE-4210-51 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
4210-52 PEREGRINE-4210-52 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
More results

Similar Description - 4210-SMU

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4155C HP-4155C Datasheet
230Kb / 14P
   Parameter Analyzer
logo
List of Unclassifed Man...
XT150-M ETC-XT150-M Datasheet
490Kb / 2P
   Material & Parameter
V1. 2
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
logo
STMicroelectronics
STGW80H65DFB-4 STMICROELECTRONICS-STGW80H65DFB-4 Datasheet
937Kb / 16P
   Tight parameter distribution
March 2017 Rev 3
logo
NTE Electronics
NTE239 NTE-NTE239 Datasheet
23Kb / 2P
   Silicon Controlled Switch (SCS)
logo
List of Unclassifed Man...
RPI-16MM-LENS ETC-RPI-16MM-LENS Datasheet
135Kb / 1P
   Parameter of Lens
logo
STMicroelectronics
STGWA80H65DFB STMICROELECTRONICS-STGWA80H65DFB Datasheet
908Kb / 17P
   Tight parameter distribution
November 2016 Rev 1
logo
E-SWITCH
34-PP27U12B2 E-SWITCH-34-PP27U12B2 Datasheet
72Kb / 1P
   DENOTES CRITICAL PARAMETER
logo
Infineon Technologies A...
IKQ120N60TA INFINEON-IKQ120N60TA Datasheet
2Mb / 16P
   very tight parameter distribution
Rev.2.2,2014-11-21
IHW20N65R5 INFINEON-IHW20N65R5 Datasheet
1Mb / 15P
   very tight parameter distribution
Rev.2.2,2014-11-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com