Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC846BCP8-3 Datasheet(PDF) 11 Page - Analog Devices

Part # ADUC846BCP8-3
Description  MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC846BCP8-3 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUC846BCP8-3 Datasheet HTML 7Page - Analog Devices ADUC846BCP8-3 Datasheet HTML 8Page - Analog Devices ADUC846BCP8-3 Datasheet HTML 9Page - Analog Devices ADUC846BCP8-3 Datasheet HTML 10Page - Analog Devices ADUC846BCP8-3 Datasheet HTML 11Page - Analog Devices ADUC846BCP8-3 Datasheet HTML 12Page - Analog Devices ADUC846BCP8-3 Datasheet HTML 13Page - Analog Devices ADUC846BCP8-3 Datasheet HTML 14Page - Analog Devices ADUC846BCP8-3 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADuC846
PRELIMINARY TECHNICAL DATA
Pin No:
52-MQFP
Pin No:
56-CSP
Pin
Mnemonic
Type*
Description
41
44
PSEN
Program Store Enable, Logic Output. This output is a control signal that
enables the external program memory to the bus during external fetch
operations. It is active every six oscillator periods except during external data
memory accesses. This pin remains high during internal program execution.
PSEN can also be used to enable serial download mode when pulled low
through a resistor at the end of an external RESET assertion or as part of a
device power cycle.
42
45
ALE
Address Latch Enable, Logic Output. This output is used to latch the low byte
(and page byte for 24-bit data address space accesses) of the address to
external memory during external code or data memory access cycles. It is
activated every six oscillator periods except during an external data memory
access. It can be disabled by setting the PCON.4 bit in the PCON SFR.
43
46
49
52
46
49
52
55
P0.0
P0.7
I/O
P0.0–P0.7, these pins are part of Port0 which is an 8-bit open-drain
bidirectional I/O port. Port 0 pins that have 1s written to them float and in that
state can be used as high impedance inputs. An external pull-up resistor will
be required on P0 outputs to force a valid logic high level externally. Port 0 is
also the multiplexed low-order address and data bus during accesses to
external program or data memory. In this application it uses strong internal
pull-ups when emitting 1s.
*I = Input, O = Output, S = Supply.
REV. PrA
-11-


Similar Part No. - ADUC846BCP8-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC841 AD-ADUC841 Datasheet
903Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADuC841 AD-ADuC841 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841 AD-ADUC841 Datasheet
838Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841 AD-ADUC841 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841 AD-ADUC841 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
More results

Similar Description - ADUC846BCP8-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC844 AD-ADUC844 Datasheet
674Kb / 20P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrB
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
   MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
ADUC824 AD-ADUC824 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV. B
ADUC816 AD-ADUC816 Datasheet
933Kb / 68P
   MicroConverter-R, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. 0
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
ADUC836 AD-ADUC836_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836 AD-ADUC836 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com