Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3037151 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 3037151
Description  ST 4 RD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3037151 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3037151 Datasheet HTML 1Page - PHOENIX CONTACT 3037151 Datasheet HTML 2Page - PHOENIX CONTACT 3037151 Datasheet HTML 3Page - PHOENIX CONTACT 3037151 Datasheet HTML 4Page - PHOENIX CONTACT 3037151 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 10, 2011
Extract from the online
catalog
 
ST 4 RD
Order No.: 3037151
The illustration shows version ST 4 in gray
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3037151
 
 
Feed-through modular terminal block, Type of connection: Spring-cage
connection, Cross section: 0.08 mm² - 6 mm², AWG 28 - 10, Width: 6.2
mm, Color: red, Mounting type: NS 35/7.5, NS 35/15
 
Commercial data
GTIN (EAN)
4
017918
599591
sales group
A600
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 75 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of levels
1
Number of connections
2
Color
red
Insulating material
PA


Similar Part No. - 3037151

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
3037106 PHOENIX-3037106 Datasheet
173Kb / 4P
   ST 2,5 GN
3037119 PHOENIX-3037119 Datasheet
172Kb / 4P
   ST 2,5 WH
3037122 PHOENIX-3037122 Datasheet
176Kb / 6P
   ST 2,5 BK
3037135 PHOENIX-3037135 Datasheet
169Kb / 5P
   ST 4 OG
3037148 PHOENIX-3037148 Datasheet
167Kb / 4P
   ST 4 YE
More results

Similar Description - 3037151

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
3037038 PHOENIX-3037038 Datasheet
147Kb / 4P
   ST 1,5 RD
3037096 PHOENIX-3037096 Datasheet
178Kb / 6P
   ST 2,5 RD
1706666 PHOENIX-1706666 Datasheet
70Kb / 3P
   MC 1,5/ 4-ST-3,81 RD
3037274 PHOENIX-3037274 Datasheet
157Kb / 5P
   ST 1,5-TWIN RD
3031995 PHOENIX-3031995 Datasheet
155Kb / 6P
   ST 2,5-TWIN RD
3037410 PHOENIX-3037410 Datasheet
124Kb / 4P
   ST 2,5-QUATTRO RD
3037371 PHOENIX-3037371 Datasheet
626Kb / 28P
   Feed-through terminal block - ST 4-TWIN RD
1756168 PHOENIX-1756168 Datasheet
104Kb / 2P
   MSTB 2,5/ 6-ST RD
1898826 PHOENIX-1898826 Datasheet
330Kb / 15P
   Printed-circuit board connector - MSTBT 2,5/ 4-ST RD
1805300 PHOENIX-1805300 Datasheet
58Kb / 4P
   MVSTBW 2,5/ 3-ST-5,08 RD
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz