Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3037151 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 3037151
Description  ST 4 RD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3037151 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3037151 Datasheet HTML 1Page - PHOENIX CONTACT 3037151 Datasheet HTML 2Page - PHOENIX CONTACT 3037151 Datasheet HTML 3Page - PHOENIX CONTACT 3037151 Datasheet HTML 4Page - PHOENIX CONTACT 3037151 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ST 4 RD Order No.: 3037151
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3037151
PHOENIX CONTACT Deutschland GmbH
Page 3 / 5
http://www.phoenixcontact.de
Feb 10, 2011
Stripping length
10 mm
Internal cylindrical gage
A4
Certificates / Approvals
Certification
ABS, BV, CB, CSA, CUL, DNV, GL, GOST, KR, LR, NK, UL,
VDE-PZI
Certification Ex:
IECEx, KEMA-EX
Accessories
Item
Designation
Description
Assembly
3030721
ATP-ST 4
Partition plate, Length: 61 mm, Width: 2 mm, Height: 42 mm,
Color: gray
3022218
CLIPFIX 35
Snap-on end bracket, for 35 mm NS 35/7.5 or NS 35/15 DIN
rail, can be fitted with Zack strip ZB 8 and ZB 8/27, terminal strip
marker KLM 2 and KLM, width: 9.5 mm, color: gray
3030420
D-ST 4
End cover, Length: 56 mm, Width: 2.2 mm, Height: 36.5 mm,
Color: gray
1201442
E/UK
End clamp, for assembly on NS 32 or NS 35/7.5 DIN rail
0801762
NS 35/ 7,5 CU UNPERF
2000MM
DIN rail, material: Copper, unperforated, height 7.5 mm, width 35
mm, length: 2 m
0801733
NS 35/ 7,5 PERF 2000MM
DIN rail, material: Steel, galvanized and passivated with a thick
layer, perforated, height 7.5 mm, width 35 mm, length: 2 m
0801681
NS 35/ 7,5 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35
mm, length: 2 m
1201756
NS 35/15 AL UNPERF 2000MM
DIN rail, deep-drawn, high profile, unperforated, 1.5 mm thick,
material: Aluminum, height 15 mm, width 35 mm, length 2 m
1201895
NS 35/15 CU UNPERF 2000MM DIN rail, material: Copper, unperforated, 1.5 mm thick, height 15
mm, width 35 mm, length: 2 m
1201730
NS 35/15 PERF 2000MM
DIN rail, material: Steel, perforated, height 15 mm, width 35 mm,
length: 2 m
1201714
NS 35/15 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 15 mm, width 35
mm, length: 2 m
1201798
NS 35/15-2,3 UNPERF 2000MM DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15
mm, width 35 mm, length: 2 m


Similar Part No. - 3037151

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
3037106 PHOENIX-3037106 Datasheet
173Kb / 4P
   ST 2,5 GN
3037119 PHOENIX-3037119 Datasheet
172Kb / 4P
   ST 2,5 WH
3037122 PHOENIX-3037122 Datasheet
176Kb / 6P
   ST 2,5 BK
3037135 PHOENIX-3037135 Datasheet
169Kb / 5P
   ST 4 OG
3037148 PHOENIX-3037148 Datasheet
167Kb / 4P
   ST 4 YE
More results

Similar Description - 3037151

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
3037038 PHOENIX-3037038 Datasheet
147Kb / 4P
   ST 1,5 RD
3037096 PHOENIX-3037096 Datasheet
178Kb / 6P
   ST 2,5 RD
1706666 PHOENIX-1706666 Datasheet
70Kb / 3P
   MC 1,5/ 4-ST-3,81 RD
3037274 PHOENIX-3037274 Datasheet
157Kb / 5P
   ST 1,5-TWIN RD
3031995 PHOENIX-3031995 Datasheet
155Kb / 6P
   ST 2,5-TWIN RD
3037410 PHOENIX-3037410 Datasheet
124Kb / 4P
   ST 2,5-QUATTRO RD
3037371 PHOENIX-3037371 Datasheet
626Kb / 28P
   Feed-through terminal block - ST 4-TWIN RD
1756168 PHOENIX-1756168 Datasheet
104Kb / 2P
   MSTB 2,5/ 6-ST RD
1898826 PHOENIX-1898826 Datasheet
330Kb / 15P
   Printed-circuit board connector - MSTBT 2,5/ 4-ST RD
1805300 PHOENIX-1805300 Datasheet
58Kb / 4P
   MVSTBW 2,5/ 3-ST-5,08 RD
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz