Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3037135 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 3037135
Description  ST 4 OG
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3037135 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3037135 Datasheet HTML 1Page - PHOENIX CONTACT 3037135 Datasheet HTML 2Page - PHOENIX CONTACT 3037135 Datasheet HTML 3Page - PHOENIX CONTACT 3037135 Datasheet HTML 4Page - PHOENIX CONTACT 3037135 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 10, 2011
Extract from the online
catalog
 
ST 4 OG
Order No.: 3037135
The illustration shows version ST 4 in gray
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3037135
 
 
Feed-through modular terminal block, Type of connection: Spring-cage
connection, Cross section: 0.08 mm² - 6 mm², AWG 28 - 10, Width: 6.2
mm, Color: orange, Mounting type: NS 35/7.5, NS 35/15
 
Commercial data
GTIN (EAN)
4
017918
599577
sales group
A600
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 75 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of levels
1
Number of connections
2
Color
orange
Insulating material
PA


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn